Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C3 Datasheet(PDF) 164 Page - Altera Corporation

Part # PLL2_C3
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 164 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 160Page - Altera Corporation PLL2_C3 Datasheet HTML 161Page - Altera Corporation PLL2_C3 Datasheet HTML 162Page - Altera Corporation PLL2_C3 Datasheet HTML 163Page - Altera Corporation PLL2_C3 Datasheet HTML 164Page - Altera Corporation PLL2_C3 Datasheet HTML 165Page - Altera Corporation PLL2_C3 Datasheet HTML 166Page - Altera Corporation PLL2_C3 Datasheet HTML 167Page - Altera Corporation PLL2_C3 Datasheet HTML 168Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 274 page
background image
9–6
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
In Cyclone III device family, you can select either a fast POR time or standard POR
time depending on the MSEL pin settings. The fast POR time is 3 ms < TPOR < 9 ms
for the fast configuration time. The standard POR time is 50 ms < TPOR < 200 ms,
which has a lower power-ramp rate.
Table 9–2 lists the supported POR times for each configuration scheme.
In some applications, it is necessary for a device to wake up very quickly to begin
operation. The Cyclone III device family offers the fast POR time option to support
fast wake-up time applications. The fast POR time option has stricter power-up
requirements when compared with the standard POR time option. You can select
either the fast POR or standard POR options with the MSEL pin settings.
1 The automotive application is for Cyclone III devices only. The Cyclone III devices
fast wake-up time meets the requirement of common bus standards in automotive
applications, such as Media Orientated Systems Transport (MOST) and Controller
Area Network (CAN).
f For more information about wake-up time and the POR circuit, refer to the
Hot-Socketing and Power-On Reset in Cyclone III Devices chapter.
Table 9–2. Cyclone III Device Family Supported POR Times Across Configuration Schemes (1)
Configuration Scheme
Fast POR Time
(3 ms< TPOR < 9 ms)
Standard POR Time
(50 ms< TPOR < 200 ms)
Configuration
Voltage
Standard (V) (2)
Fast Active Serial Standard (AS Standard POR)
—
v
3.3
Fast Active Serial Standard (AS Standard POR)
—
v
3.0/2.5
Fast Active Serial Fast (AS Fast POR)
v
—3.3
Fast Active Serial Fast (AS Fast POR)
v
—3.0/2.5
Active Parallel ×16 Standard (AP Standard POR, for
Cyclone III devices only)
—
v
3.3
Active Parallel ×16 Standard (AP Standard POR, for
Cyclone III devices only)
—
v
3.0/2.5
Active Parallel ×16 Standard (AP Standard POR, for
Cyclone III devices only)
—
v
1.8
Active Parallel ×16 Fast (AP Fast POR, for
Cyclone III devices only)
v
—3.3
Active Parallel ×16 Fast (AP Fast POR, for
Cyclone III devices only)
v
—1.8
Passive Serial Standard (PS Standard POR)
—
v
3.3/3.0/2.5
Passive Serial Fast (PS Fast POR)
v
—
3.3/3.0/2.5
Fast Passive Parallel Fast (FPP Fast POR)
v
—
3.3/3.0/2.5
Fast Passive Parallel Fast (FPP Fast POR)
v
—1.8/1.5
JTAG-based configuration
(3)
(3)
—
Notes to Table 9–2:
(1) Altera recommends connecting the MSEL pins to VCCA or GND depending on the MSEL pin settings.
(2) The configuration voltage standard is applied to the VCCIO supply of the bank in which the configuration pins reside.
(3) JTAG-based configuration takes precedence over other configuration schemes, which means the MSEL pin settings are ignored. However, the
POR time is dependent on the MSEL pin settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com