| Electronic Components Datasheet Search |
|
PLL2_C3 Datasheet(PDF) 171 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C3 Datasheet(HTML) 171 Page - Altera Corporation |
|
171 / 274 page ![]() Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family 9–13 Configuration Features August 2012 Altera Corporation Cyclone III Device Handbook Volume 1 1 If you want to gain control of the EPCS pins, hold the nCONFIG pin low and pull the nCE pin high to cause the device to reset and tri-state the AS configuration pins. Single-Device AS Configuration The four-pin interface of serial configuration devices consists of the following pins: ■ Serial clock input (DCLK) ■ Serial data output (DATA) ■ AS data input (ASDI) ■ Active-low chip select (nCS) This four-pin interface connects to Cyclone III device family pins, as shown in Figure 9–3. 1 To tri-state the configuration bus for AS configuration schemes, you must tie nCE high and nCONFIG low. 1 When connecting a serial configuration device to a Cyclone III device family in the single-device AS configuration, you must connect a 25- series resistor at the near end of the serial configuration device for DATA[0]. The 25- resistor in the series works to minimize the driver impedance mismatch with the board trace and reduce overshoot seen at the Cyclone III device family DATA[0]input pin. Figure 9–3. Single-Device AS Configuration Notes to Figure 9–3: (1) Connect the pull-up resistors to the VCCIO supply of the bank in which the pin resides. (2) Cyclone III device family uses the ASDO-to-ASDI path to control the configuration device. (3) The nCEO pin is left unconnected or used as a user I/O pin when it does not feed the nCE pin of another device. (4) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect MSEL[3..0], refer to Table 9–7 on page 9–11. Connect the MSEL pins directly to VCCA or GND. (5) These are dual-purpose I/O pins. The nCSO pin functions as the FLASH_NCE pin in AP mode. The ASDO pin functions as the DATA[1] pin in other AP and FPP modes. (6) Connect the series resistor at the near end of the serial configuration device. nSTATUS nCONFIG CONF_DONE nCE DATA[0] DCLK nCSO (5) ASDO (5) nCEO MSEL[3..0] DATA DCLK nCS ASDI VCCIO (1) GND 10 k Ω VCCIO (1) 10 k Ω VCCIO (1) 10 k Ω N.C. (3) (4) (2) 25 Ω (6) Serial Configuration Device Cyclone III Device Family |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |