Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C3 Datasheet(PDF) 206 Page - Altera Corporation

Part # PLL2_C3
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 206 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 202Page - Altera Corporation PLL2_C3 Datasheet HTML 203Page - Altera Corporation PLL2_C3 Datasheet HTML 204Page - Altera Corporation PLL2_C3 Datasheet HTML 205Page - Altera Corporation PLL2_C3 Datasheet HTML 206Page - Altera Corporation PLL2_C3 Datasheet HTML 207Page - Altera Corporation PLL2_C3 Datasheet HTML 208Page - Altera Corporation PLL2_C3 Datasheet HTML 209Page - Altera Corporation PLL2_C3 Datasheet HTML 210Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 274 page
background image
9–48
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
JTAG Configuration
JTAG has developed a specification for boundary-scan testing. This boundary-scan
test (BST) architecture offers the capability to efficiently test components on PCBs
with tight lead spacing. The BST architecture can test pin connections without using
physical test probes and capture functional data while a device is operating normally.
You can also use the JTAG circuitry to shift configuration data into the device. The
Quartus II software automatically generates .sofs that are used for JTAG
configuration with a download cable in the Quartus II software programmer.
f For more information about JTAG boundary-scan testing, refer to the IEEE 1149.1
(JTAG) Boundary-Scan Testing for Cyclone III Devices chapter.
For the Cyclone III device, JTAG instructions have precedence over any other device
configuration modes. Therefore, JTAG configuration can take place without waiting
for other configuration modes to complete. For example, if you attempt JTAG
configuration of a Cyclone III device during PS configuration, PS configuration
terminates and JTAG configuration begins. If the Cyclone III device MSEL pins are set
to AS mode, the Cyclone III device does not output a DCLK signal when JTAG
configuration takes place.
1 For the Cyclone III LS device, JTAG programming is disabled if the device was
already configured using the PS or AS mode. After POR, the Cyclone III LS device
allows only mandatory JTAG 1149.1 instructions (BYPASS, SAMPLE/RELOAD, EXTEST, and
FACTORY
). For more information, refer to “JTAG Instructions” on page 9–60.
The four required pins for a device operating in JTAG mode are TDI, TDO, TMS, and TCK.
The TCK pin has an internal weak pull-down resistor while the TDI and TMS pins have
weak internal pull-up resistors (typically 25 k). The TDO output pin is powered by
VCCIO in I/O bank 1. All the JTAG input pins are powered by the VCCIO pin. All the
JTAG pins support only LVTTL I/O standard. All user I/O pins are tri-stated during
JTAG configuration. Table 9–15 lists the function of each JTAG pin.
1 The TDO output is powered by the VCCIO power supply of I/O bank 1.
tCD2CU
CONF_DONE
high to CLKUSR enabled
4 × maximum DCLK period
—
—
tCD2UMC
CONF_DONE
high to user mode with CLKUSR
option on
tCD2CU + (initialization clock
cycles × CLKUSR period) (4)
——
Notes to Table 9–14:
(1) This value is applicable if users do not delay configuration by extending the nCONFIG or nSTATUS low pulse width.
(2) The minimum and maximum numbers apply only if the internal oscillator is chosen as the clock source for starting up the device.
(3) Cyclone III EP3C5, EP3C10, EP3C16, EP3C25, and EP3C40 devices support a DCLK fMAX of 133 MHz. Cyclone III EP3C55, EP3C80, EP3C120 and
all the Cyclone III LS devices support a DCLK fMAX of 100 MHz.
(4) For more information about the initialization clock cycles required in Cyclone III device family, refer to Table 9–5 on page 9–10.
Table 9–14. FPP Timing Parameters for Cyclone III Device Family
(Part 2 of 2)
Symbol
Parameter
Minimum
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com