| Electronic Components Datasheet Search |
|
PLL2_C3 Datasheet(PDF) 219 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
PLL2_C3 Datasheet(HTML) 219 Page - Altera Corporation |
|
219 / 274 page ![]() Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family 9–61 Configuration Features August 2012 Altera Corporation Cyclone III Device Handbook Volume 1 I/O Reconfiguration Use the CONFIG_IO instruction to reconfigure the I/O configuration shift register (IOCSR) chain. This instruction allows you to perform board-level testing prior to configuring the Cyclone III device family or waiting for a configuration device to complete configuration. After the configuration is interrupted and JTAG testing is complete, the part must be reconfigured using the PULSE_NCONFIG JTAG instruction or by pulsing the nCONFIG pin low. You can issue the CONFIG_IO instruction any time during user mode. The CONFIG_IO instruction cannot be issued when nCONFIG pin is asserted low (during power up) or immediately after issuing a JTAG instruction that triggers reconfiguration. For more information about the wait-time for issuing the CONFIG_IO instruction, refer to Table 9–18. When using CONFIG_IO instruction, you must meet the following timing restrictions: ■ CONFIG_IO instruction cannot be issued during the nCONFIG pin low ■ Observe 230 s minimum wait time after any of the following conditions are met: ■ nCONFIG pin goes high ■ Issuing the PULSE_NCONFIG instruction ■ Issuing the ACTIVE_ENGAGE instruction, before issuing the CONFIG_IO instruction ■ Wait 230 s after power up with nCONFIG pin high before issuing the CONFIG_IO instruction (or wait for the nSTATUS pin to go high) Use the ACTIVE_DISENGAGE instruction with CONFIG_IO instruction to interrupt configuration. Table 9–19 lists the sequence of instructions to use for various CONFIG_IO usage scenarios. Table 9–18. Wait Time for Issuing the CONFIG_IO Instruction Wait Time Time Wait time after the nCONFIG pin is released 230 s Wait time after PULSE_NCONFIG or ACTIVE_ENGAGE is issued 230 s Table 9–19. JTAG CONFIG_IO (without JTAG_PROGRAM) Instruction Flows (1) (Part 1 of 2) JTAG Instruction Configuration Scheme and Current State of the Cyclone III Device Family Prior to User Mode (Interrupting Configuration) User Mode Power Up PS FPP AS AP (4) PS FPP AS AP (4) PS FPP AS AP (4) FACTORY NA NA NA NA NA NA NA NA R R R NA ACTIVE_DISENGAGE OO O O O O O O — — — — CONFIG_IO R R R R R R R R NA NA NA NA JTAG Boundary Scan Instructions (no JTAG_PROGRAM ) OO O O O O O O — — — — |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |