Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C3 Datasheet(PDF) 234 Page - Altera Corporation

Part # PLL2_C3
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 234 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 230Page - Altera Corporation PLL2_C3 Datasheet HTML 231Page - Altera Corporation PLL2_C3 Datasheet HTML 232Page - Altera Corporation PLL2_C3 Datasheet HTML 233Page - Altera Corporation PLL2_C3 Datasheet HTML 234Page - Altera Corporation PLL2_C3 Datasheet HTML 235Page - Altera Corporation PLL2_C3 Datasheet HTML 236Page - Altera Corporation PLL2_C3 Datasheet HTML 237Page - Altera Corporation PLL2_C3 Datasheet HTML 238Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 274 page
background image
9–76
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Remote System Upgrade
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
Figure 9–33 shows the block diagrams to implement remote system upgrade with the
AS and AP configuration schemes.
1 Remote system upgrade only supports single-device configuration.
When using remote system upgrade in Cyclone III devices, you must set the mode
select pins (MSEL [3.0]) to the AS or AP configuration scheme. When using remote
system upgrade in Cyclone III LS devices, you must set MSEL [3..0] to the AS
configuration scheme. The MSEL pin setting in remote system upgrade mode is the
same as standard configuration mode. Standard configuration mode refers to normal
Cyclone III device family configuration mode with no support for remote system
upgrades, and the remote system upgrade circuitry is disabled. When using remote
system upgrade in Cyclone III device family, you must enable the remote update
mode
option setting in the Quartus II software. For more information, refer to
“Enabling Remote Update” on page 9–76.
Enabling Remote Update
You can enable or disable remote update for Cyclone III device family in the
Quartus II software before design compilation (in the Compiler Settings menu). To
enable remote update in the compiler settings of the project, perform the following
steps in the Quartus II software:
1. On the Assignments menu, click Device. The Settings dialog box appears.
2. Click Device and Pin Options. The Device and Pin Options dialog box appears.
3. Click the Configuration tab.
4. From the Configuration Mode list, select Remote.
5. Click OK.
6. In the Settings dialog box, click OK.
Figure 9–33. Remote System Upgrade Block Diagrams for AS and AP Configuration Schemes
Cyclone III or
Cyclone III LS
Device
Nios Processor or User
Logic
Serial Configuration Device
Serial Configuration Device
Cyclone III Device
Nios Processor or User
Logic
Parallel Flash Memory
Supported Parallel Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com