Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MES3 Datasheet(PDF) 2 Page - CUI INC

Part # MES3
Description  INCREMENTAL ENCODER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MES3 Datasheet(HTML) 2 Page - CUI INC

  MES3 Datasheet HTML 1Page - CUI INC MES3 Datasheet HTML 2Page - CUI INC MES3 Datasheet HTML 3Page - CUI INC MES3 Datasheet HTML 4Page - CUI INC MES3 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date
05/14/2012 │ page 2 of 5
CUI Inc
│ SERIES: MES3 │ DESCRIPTION: INCREMENTAL ENCODER
PART NUMBER KEY
MES3 - XXX P XX XX
Output Resolution:
64(P) = 64 ppr
100(P) = 100 ppr
64(P)ST = 1,024 ppr
Base Number
Output Options:
“blank” = 3.2 V Open Collector without I/F box
3 = Option 5 ~ 12 V Voltage Output with I/F box
C3 = Option 5 ~ 12 V Open Collector with I/F box
E = Option 5 V Line Driver with I/F box
OUTPUT WAVEFORM
voltage output / open collector output
line driver output
voltage output / open collector output
line driver output
MES3-P
MES3-PST



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com