Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MES3 Datasheet(PDF) 3 Page - CUI INC

Part # MES3
Description  INCREMENTAL ENCODER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MES3 Datasheet(HTML) 3 Page - CUI INC

  MES3 Datasheet HTML 1Page - CUI INC MES3 Datasheet HTML 2Page - CUI INC MES3 Datasheet HTML 3Page - CUI INC MES3 Datasheet HTML 4Page - CUI INC MES3 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
05/14/2012 │ page 3 of 5
CUI Inc
│ SERIES: MES3 │ DESCRIPTION: INCREMENTAL ENCODER
CIRCUIT DIAGRAM
NOTES:
1. conforms to JAE connector: IL-FPR-6S-HF-N1
surface
conductor
exposed
reinforcing
plate
0.118
1.5
0.059
0.098
2.5
3.0
6.1 0.240
M4X0.5
3.7 0.146
6.0 0.236
R0.3 0.012
(TYP)
NOTE 1
2.0 0.079
3.0 0.118
2.6 0.102
3.8 0.150
4.5 0.177
150.0 5.906
2.0
0.146
3.7
5.0
0.197
M4x0.5
plate
reinforcing
exposed
conductor
surface
2.5 0.098
7.1 0.280
9.6 0.378
0.118
3.0
1.5 0.059
NOTE 1
0.102
2.6
150.0 5.906
5.0
MECHANICAL DRAWING
MES3-P
MES3-PST
units: mm[inches]
TOLERANCE: ±0.3mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com