Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MES3 Datasheet(PDF) 1 Page - CUI INC

Part # MES3
Description  INCREMENTAL ENCODER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

MES3 Datasheet(HTML) 1 Page - CUI INC

  MES3 Datasheet HTML 1Page - CUI INC MES3 Datasheet HTML 2Page - CUI INC MES3 Datasheet HTML 3Page - CUI INC MES3 Datasheet HTML 4Page - CUI INC MES3 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
05/14/2012
page
1 of 5
SERIES:
MES3 │ DESCRIPTION: INCREMENTAL ENCODER
ELECTRICAL
parameter
conditions/description
min
nom
max
units
power supply
3.2 Vdc ±5% (open collector)
5 Vdc - 5% ~ 12 Vdc + 10% (voltage output, open collector)1
5 Vdc ±5% (line driver)1
current consumption
P models
PST models
15
20
mA
mA
output signals
A, B, Z (voltage output, open collector)
A, A, B, B, Z, Z (line driver)
output waveform
square wave
output resolutions
P models
PST models
64, 100
1024 (64 x 16)
PPR
PPR
output voltage
V
OL
V
OH
V
CC-0.3
0.3
V
V
output current
20
mA
output phase difference
A,B phase difference: T/4 ± T/8
Z phase width: T ± 0.5T
frequency response
100
kHz
waveform rise/fall time
output cable 300 mm or less
2
μs
Notes:
1. Requires I/F interface module (page 4)
MECHANICAL
parameter
conditions/description
min
nom
max
units
max. shaft load
radial and axial
0.98
100
N
gf
starting torque
5 x 10-4
5
N·m
gf·cm
max. rotational speed
6,000
RPM
ENVIRONMENTAL
parameter
conditions/description
min
nom
max
units
operating temperature
060
°C
storage temperature
-20
80
°C
humidity
non-condensing
30
95
%
vibration
1.5 mm, 55 Hz, 2 hours each on XYZ
shock
3 times each on XYZ
50
G
FEATURES
• 5 mm diameter
• 64, 100, or 1024 ppr resolution
• square wave output
RoHS


Similar Part No. - MES3

ManufacturerPart #DatasheetDescription
logo
CUI INC
MES3-100PP CUI-MES3-100PP Datasheet
166Kb / 4P
INCREMENTAL ENCODER
MES3-100PP3 CUI-MES3-100PP3 Datasheet
166Kb / 4P
INCREMENTAL ENCODER
MES3-100PPC3 CUI-MES3-100PPC3 Datasheet
166Kb / 4P
INCREMENTAL ENCODER
MES3-100PPE CUI-MES3-100PPE Datasheet
166Kb / 4P
INCREMENTAL ENCODER
MES3-64PP CUI-MES3-64PP Datasheet
166Kb / 4P
INCREMENTAL ENCODER
More results

Similar Description - MES3

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
Bourns Electronic Solut...
PEC16 BOURNS-PEC16_10 Datasheet
226Kb / 3P
Incremental Encoder
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com