Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3003DB Datasheet(PDF) 2 Page - Touchstone Semiconductor Inc

Part # TS3003DB
Description  A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3003DB Datasheet(HTML) 2 Page - Touchstone Semiconductor Inc

  TS3003DB Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3003DB Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3003DB Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3003DB Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TS3003 Demo Board
TS3003DB r1p0
Page 2
RTFDS
DESCRIPTION
The TS3003 requires only an RSET = 4.32MΩ
resistor to set the FOUT/PWMOUT output period to
40µs(25kHz).
With
an
on-board
100pF
CPWM
capacitor, the duty cycle of PWMOUT is set at
approximately 75%. Further reduction of the duty
cycle
is
available
with
an
on-
board
1MΩ
potentiometer. The complete circuit is designed at a
supply voltage of 5V and it is shown in Figure 1.
The TS3003 is a user-programmable oscillator where
the period of the square wave at its FOUT terminal is
generated by an external resistor connected to the
RSET pin. The output period is given by:
O T (
)
1 08 11
S T
Equation 1. FOUT Frequency Calculation
With
RSET
=
4.32M
Ω,
the
FOUT
period
is
approximately 40µs (25kHz) with a 50% duty cycle.
As design aids, Tables 1 lists TS3003
’s typical O T
frequency for various standard values for RSET.
The TS3003 also provides a separate PWM output
signal at its PWMOUT terminal that is anti-phase with
respect to FOUT. To adjust the pulse width of the
PWMOUT output, a single capacitor can be placed at
the CPWM pin. To determine the capacitance needed
for a desired pulse width, the following equation is to
be used:
CPWM( )
Pulse Width(s)
CPWM
CPWM
00m
Equation 2. CPWM Capacitor Calculation
where ICPWM and VCPWM is the current supplied and
voltage applied to the CPWM capacitor, respectively.
The pulse width is determined based on the period of
FOUT and should never be greater than the period at
FOUT. Make sure the PWM_CNTRL pin is set to at
least 400mV when calculating the pulse width of
PWMOUT. Note VCPWM is approximately 300mV,
which is the RSET voltage. Also note that ICPWM is
approximately 1µA.
QUICK START PROCEDURE
Required Equipment
 TS3003 Demo Board
 DC Power Supply
 Oscilloscope
Model
Agilent
DSO1014A
or
equivalent
Two 10X, 15p //10MΩ oscilloscope probes
 Potentiometer screwdriver
To evaluate the TS3003 silicon timer, the following
steps are to be performed:
1) Before connecting the DC power supply to the
demo board, turn on the power supply, set the
DC voltage to 5V, and then turn it off.
2) Connect the DC power supply positive terminal to
the test point labeled VDD. Connect the negative
terminal of the DC power supply to the test point
labeled GND.
3) To monitor the FOUT output signal, connect the
signal terminal of an oscilloscope probe to the
test point labeled FOUT and the ground terminal
to the test point labeled GND.
4) To monitor the PWMOUT output signal, connect
the signal terminal of a second oscilloscope
probe to the test point labeled PWM_OUT and
the ground terminal to the test point labeled GND.
5) Select two channels on the oscilloscope and set
the vertical voltage scale and the vertical position
on each channel to 2V/DIV and 0V, respectively.
Set the horizontal time scale to 5µs/DIV. The
coupling should be DC coupling. Turn on the
power supply.
The supply current will vary depending on the
load on the output. Given the default set-up on
the board, the FOUT/PWMOUT output period is
approximately 40µs. The PWMOUT duty cycle is
set to approximately 75%. With an output load of
RSET (MΩ)
FOUT (kHz)
0.360
300
1
108
2.49
43.37
4.32
25
6.81
15.86
9.76
11.07
12
9
Table 1: FOUT vs RSET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com