Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3003DB Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TS3003DB
Description  A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3003DB Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TS3003DB Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3003DB Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3003DB Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3003DB Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TS3003 Demo Board
Page 1
© 2013 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
 5V Supply Voltage
 FOUT/PWMOUT Output Period: 40µs(25kHz)
o
RSET = 4.32
 PWMOUT Output Duty Cycle:
o
75% for FDIV2:0 = 000
o
CPWM = 100pF
 PWMOUT Duty Cycle Reduction
o
1MΩ Potentiometer
 Fully Assembled and Tested
 2in x 2in 2-layer circuit board
COMPONENT LIST
DESIGNATION
QTY
DESCRIPTION
C1
1
100pF ±10%
capacitor (0805)
C2
1
4.7µF ±10%
capacitor (0805)
R2
1
10
MΩ ± 1% (0805)
R1
1
4.32
MΩ ± 1% (0805)
PWM_ADJ
1
1MΩ Potentiometer
U1
1
TS3003
VDD,F_OUT,
PWM_OUT
3
Test points
J1
1
Jumper
DESCRIPTION
The TS3003 is a single-supply, second-generation
Touchstone Semi oscillator/timer fully specified to
operate at a supply voltage range of 1.55V to 5.25V
while
consuming
less
than
2.4
μA(max) supply
current. Requiring only a resistor to set the base
output frequency (or output period) at 25kHz (or
40µs)
with
a
50%
duty
cycle,
the
TS3003
timer/oscillator is compact, easy-to-use, and versatile.
Optimized
for
ultra-long
life,
low
frequency,
battery-powered/portable applications, TS3003 joins
the TS3001, TS3002, TS3004, and TS3006 in
Touchstone’s CMOS timer family in its “NanoWatt
Analog™”
series
of
high-performance
analog
integrated circuits.
The TS3003 requires only an RSET = 4.32
resistor to set the FOUT/PWMOUT output period to
40µs(25kHz).
With
an
on-board
100pF
CPWM
capacitor, the duty cycle of PWMOUT is set at
approximately 75%. Further reduction of the duty
cycle
is
available
with
an
on-
board
1MΩ
potentiometer. The complete circuit is designed at a
supply voltage of 5V. The TS3003 is fully specified
over the -40°C to +85°C temperature range and is
available in a low-profile, 10-pin 3x3mm TDFN
package with an exposed back-side paddle.
Product datasheet and additional documentation can
be
found
on
the
factory
web
site
at
www.touchstonesemi.com.
ORDERING INFORMATION
Order Number
Description
TS3003DB
TS3003
Demo Board
A 1.55V to 5.25V, 1.9µA, 9kHz to 300kHz Silicon Timer
Figure 1. TS3003 Demo Board Circuit


Similar Part No. - TS3003DB

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
logo
Silicon Laboratories
TS3003 SILABS-TS3003 Datasheet
1Mb / 11P
Single Resistor Sets Output Frequency
TS3003ITD1033 SILABS-TS3003ITD1033 Datasheet
1Mb / 11P
Single Resistor Sets Output Frequency
logo
Touchstone Semiconducto...
TS3003ITD1033T TOUCHSTONE-TS3003ITD1033T Datasheet
868Kb / 10P
A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
logo
Silicon Laboratories
TS3003ITD1033T SILABS-TS3003ITD1033T Datasheet
1Mb / 11P
Single Resistor Sets Output Frequency
More results

Similar Description - TS3003DB

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
TS3003 TOUCHSTONE-TS3003 Datasheet
868Kb / 10P
A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3005 TOUCHSTONE-TS3005 Datasheet
820Kb / 11P
A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
logo
Analog Devices
ADRF5720 AD-ADRF5720 Datasheet
651Kb / 19P
Silicon Digital Attenuator, 9kHz to 40GHz
7/2018-Revision 0
logo
Maxim Integrated Produc...
MAX3524EVKIT MAXIM-MAX3524EVKIT Datasheet
151Kb / 5P
4.75V to 5.25V Single-Supply Operation
Rev 0; 12/00
MAX5498EVKIT MAXIM-MAX5498EVKIT Datasheet
313Kb / 13P
2.7V to 5.25V Single-Supply Operation
Rev 1; 12/08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com