Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3003DB Datasheet(PDF) 3 Page - Touchstone Semiconductor Inc

Part # TS3003DB
Description  A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3003DB Datasheet(HTML) 3 Page - Touchstone Semiconductor Inc

  TS3003DB Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3003DB Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3003DB Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3003DB Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TS3003 Demo Board
TS3003DB r1p0
Page 3
RTFDS
15pF on both FOUT and PWMOUT outputs due
to the oscilloscope probes, the supply current
should be less than 8µA.
6) If further reduction of the duty cycle of the
PWMOUT
output
is
desired,
turn
the
potentiometer clockwise. If jumper J1 is removed,
the PWM_CNTRL pin is tied to VDD and the
potentiometer will not change the PWMOUT
output duty cycle.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com