Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEFME-101 Datasheet(PDF) 9 Page - ITT Industries

Part # DEFME-101
Description  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEFME-101 Datasheet(HTML) 9 Page - ITT Industries

Back Button DEFME-101 Datasheet HTML 5Page - ITT Industries DEFME-101 Datasheet HTML 6Page - ITT Industries DEFME-101 Datasheet HTML 7Page - ITT Industries DEFME-101 Datasheet HTML 8Page - ITT Industries DEFME-101 Datasheet HTML 9Page - ITT Industries DEFME-101 Datasheet HTML 10Page - ITT Industries DEFME-101 Datasheet HTML 11Page - ITT Industries DEFME-101 Datasheet HTML 12Page - ITT Industries DEFME-101 Datasheet HTML 13Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
D Cannon D-Subminiature Accessories
7
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
Metal Backshell
C
A
E
CABLE ENTRY
IN SHELL
CABLE ENTRY
IN SHELL
H MAX.
G
D MAX.
0,38 ± 0,13
(.015 ± .005)
3,45 ± 0,13
(.136 ± .005)
TWO MTG. HOLES
B
F
+
+
0,38 ± 0,13
(.015 ± .005)
F
G
D MAX.
3,05 ± ,013
(.120 ± .005) DIA.
TWO MTG. HOLES
A
C
E
B
CABLE ENTRY
Metal Backshell
Shell
Part
Mil Spec
AB
C
D
E
F
G
H
Size Layout Number
Part Number*
±0,38 (.015)
±0,572 (.0225) ±0,38 (.015)
max.
±0,38 (.015)
±0,38 (.015)
±0,38 (.015)
max.
DE
9
DE24657 M85049/48-1-1F 30,56 (1.203)
12,484 (.4915)
24,99 (.984)
14,68 (.578)
9,53 (.375)
9,53 (.375)
19,05 (.750)
31,75 (1.250)
DA
15
DA24658 M85049/48-1-2F 38,89 (1.531)
12,484 (.4915)
33,32 (1.312)
14,68 (.578)
18,11 (.713)
7.93 (.312)
19,05 (.750)
31,75 (1.250)
DB
25
DB24659 M85049/48-1-3F 52,78 (2.078)
12,484 (.4915)
47,04 (1.852)
14,68 (.578)
25,40 (1.000)
7.93 (.312)
25,40 (1.000) 39,70 (1.563)
DC
37
DC24660 M85049/48-1-4F 69,04 (2.718)
12,484 (.4915)
63,50 (2.500)
14,68 (.578)
34,93 (1.375)
7.93 (.312)
25,40 (1.000) 39,70 (1.563)
DD
50
DD24661 M85049/48-1-5F 66,68 (2.625)
15,253 (.6005)
61,11 (2.406)
17,45 (.578)
35,71 (1.406)
10,31 (.406)
28,57 (1.125) 42,88 (1.688)
* Parts ordered with no suffix or “Z” suffix will be substituted with “F” suffix.
Shell
Part
Mil Spec
AB
C
D
E
F
G
Size
Layout
Number
Part Number*
±0,38 (.015)
±0,572 (.0225)
±0,38 (.015)
max.
±0,38 (.015)
±0,38 (.015)
±0,76 (.030)
DE
9
DE44994
M85049/48-2-1F
30,68 (1.208)
12,70 (.500)
24,99 (.984)
10,31 (.406)
16,79 (.661)
3,18 (.125)
26,18 (1.031)
DA
15
DA20961
M85049/48-2-2F
38,89 (1.531)
12,70 (.500)
33,33 (1.312)
10,31 (.406)
24,99 (.984)
3,18 (.125)
26,18 (1.031)
DB
25
DB20962
M85049/48-2-3F
52,78 (2.078)
12,70 (.500)
47,04 (1.852)
15,06 (.593)
38,48 (1.515)
4,75 (.187)
26,98 (1.062)
DC
37
DC20963
M85049/48-2-4F
69,04 (2.718)
12,70 (.500)
63,50 (2.500)
18,23 (.718)
55,14 (2.171)
6,35 (.250)
26,98 (1.062)
DD
50
DD20964
M85049/48-2-5F
66,68 (2.625)
15,47 (.609)
61,11 (2.406)
20,62 (.812)
53,16 (2.093)
7,92 (.312)
26,98 (1.062)
* Parts ordered with no suffix or “Z” suffix will be substituted with “F” suffix.
Metal Backshells provide strain relief.
Various profiles available for different cable rout-
ing requirements.
• Kit consists of 1 shell, 2 cable clamps,
2 screws, 2 hex nuts.
Deep Straight Clamp
• Kit consists of 1 shell, 2 cable clamps,
2 screws, 2 hex nuts.
Round Cable Clamp
Materials and Finishes
Backshell Material:
Low Carbon Steel or Brass
Backshell Finish:
Chromate over Cadmium (Mil Spec) or Zinc (RoHS)
Hardware Material:
Steel
Product Features
Qualified to MIL-Spec M85049
Mil-Spec Parts (Brass)
Brass
Shell RoHS Compliant
Mil-Spec
50
µ in. Gold
Size
Part Number
Part Number
Part Number
over Copper
DE
DE24657-29
M85049/48-1-6F
DE24657-5
DE24657-16
DA
DA24658-28
M85049/48-1-7F
DA24658-2
DA24658-15
DB
DB24659-27
M85049/48-1-8F
DB24659-2
DB24659-15
DC
DC24660-27
M85049/48-1-9F
DC24660-11
DC24660-16
DD
DD24661-27
M85049/48-1-10F
DD24661-4
DD24661-13
Mil-Spec Parts (Brass)
Brass
Shell RoHS Compliant
Mil-Spec
50
µ in. Gold
Size
Part Number
Part Number
Part Number
over Copper
DE
DE44994-14
M85049/48-2-6F
DE44994-3
DE44994-2
DA
DA20961-26
M85049/48-2-7F
DA20961-3
DA20961-16
DB
DB20962-30
M85049/48-2-8F
DB20962-8
DB20962-18
DC
DC20963-27
M85049/48-2-9F
DC20963-8
DC20963-17
DD
DD20964-32
M85049/48-2-10F
DD20964-8
DD20964-19
D sub:Layout 1
3/24/09
12:37 PM
Page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com