Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DEFME-101 Datasheet(PDF) 13 Page - ITT Industries

Part # DEFME-101
Description  Defining and Champooning Innivation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEFME-101 Datasheet(HTML) 13 Page - ITT Industries

Back Button DEFME-101 Datasheet HTML 9Page - ITT Industries DEFME-101 Datasheet HTML 10Page - ITT Industries DEFME-101 Datasheet HTML 11Page - ITT Industries DEFME-101 Datasheet HTML 12Page - ITT Industries DEFME-101 Datasheet HTML 13Page - ITT Industries DEFME-101 Datasheet HTML 14Page - ITT Industries DEFME-101 Datasheet HTML 15Page - ITT Industries DEFME-101 Datasheet HTML 16Page - ITT Industries DEFME-101 Datasheet HTML 17Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
D Cannon D-Subminiature Accessories
11
www.ittcannon.com
Dimensionsshowninmm(inch)
Specificationsanddimensionssubjecttochange
C
B DIA. MAX.
CABLE ENTRY
39,50
(1.555).
D
42,50
(1.673).
ITT CANNON
A
C
CLAMP,
THERMOPLASTIC
CLAMP,
METAL
E
48,00
(1.890)
D
16,21
(.638)
∅
Snap -Together Universal
• 2-piece snap-together design for quick
assembly.
• Customer furnishes tie-wrap.
Materials and Finishes
Material:
Black Thermoplastic,
UL 94V-0 rated
• Low cost
• Easy to assemble
• Mounting hardware included
• 2 thumbscrews, 2 cable clamps
Materials and Finishes
Backshell Material:
Polypropylene
Hardware Material:
Steel
Hardware Finish:
Black Nickel
Shell
Part
øB
CD
Size
Layout
Number
max.
±0,20 (.008)
±0,20 (.008)
DE
9
DE115339-20
7,01 (.276)
17,00 (.669)
19,51 (.768)
DA
15
DA115339-21
9,60 (.378)
17,00 (.669)
27,79 (1.094)
DB
25
DB115339-22
11,61 (.457)
17,00 (.669)
41,61 (1.638)
DC
37
DC115339-23
13,00 (.512)
17,00 (.669)
59,99 (2.283)
DD
50
DD115339-24
16,00 (.630)
19,81 (.780)
52,32 (2.060)
Note: Part Numbers above replace the following part number series: DE110963-1 to DD110963-5
Shell
Part
ø D
Size
Layout
Number
AC
max.
E
DE
9
DEBS-9
35,20 (1.386)
24,99 (.984)
5,69 (.224)
27,51 (1.083)
DA
15
DABS-15
43,31 (1.705)
33,33 (1.312)
5,69 (.224)
31,19 (1.228)
DB
25
DBBS-25
57,20 (2.252)
47,04 (1.852)
6,50 (.256)
38,30 (1.508)
DC
37
DCBS-37
72,00 (2.83)
62,00 (2.44)
7,80 (.307)
43,08 (1.69)
DD
50
DDBS-50
73,70 (2.90)
63,70 (2.50)
8,20 (.322)
48,04 (1.89)
One-Piece Snap-Together
Plastic Backshell
D sub:Layout 1
3/24/09
12:37 PM
Page 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com