Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60RL Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS3L60RL
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60RL Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPS3L60RL Datasheet HTML 2Page - STMicroelectronics STPS3L60RL Datasheet HTML 3Page - STMicroelectronics STPS3L60RL Datasheet HTML 4Page - STMicroelectronics STPS3L60RL Datasheet HTML 5Page - STMicroelectronics STPS3L60RL Datasheet HTML 6Page - STMicroelectronics STPS3L60RL Datasheet HTML 7Page - STMicroelectronics STPS3L60RL Datasheet HTML 8Page - STMicroelectronics STPS3L60RL Datasheet HTML 9Page - STMicroelectronics STPS3L60RL Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Characteristics
STPS3L60
6/11
Doc ID 7505 Rev 6
Figure 15.
Reverse leakage current versus
reverse voltage applied
(typical values)
Figure 16.
Junction capacitance versus
reverse voltage applied
(typical values)
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
0
5
10
15
20
25
30
35
40
45
50
55
60
Tj=125°C
Tj=25°C
Tj=100°C
V (V)
R
I (mA)
R
10
100
1000
1
10
100
F=1MHz
Vosc=30mV
Tj=25°C
V (V)
R
C(pF)
Figure 17.
Forward voltage drop versus
forward current (high level)
Figure 18.
Forward voltage drop versus
forward current (low level)
0
5
10
15
20
25
30
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Tj=25°C
(Maximum values)
Tj=100°C
(Maximum values)
Tj=100°C
(Maximum values)
Tj=100°C
(Typical values)
Tj=100°C
(Typical values)
I
(A)
FM
V
(V)
FM
0
1
2
3
4
5
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Tj=25°C
(Maximum values)
Tj=100°C
(Maximum values)
Tj=100°C
(Maximum values)
Tj=100°C
(Typical values)
Tj=100°C
(Typical values)
I
(A)
FM
V
(V)
FM
Figure 19.
Thermal resistance junction to
ambient versus copper surface
under each lead (SMB)
Figure 20.
Thermal resistance junction to
ambient versus copper surface
under each lead (SMBflat)
0
20
40
60
80
100
120
0.00.5
1.0
1.5
2.0
2.53.03.5
4.0
4.55.0
SMB
S(Cu)(cm²)
R
(°C/W)
th(j-a)
copper thickness = 35 µm
Expoxy printed circuit FR4,
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SMB-Flat
S(Cu)(cm²)
R
(°C/W)
th(j-a)
copper thickness = 35 µm
Expoxy printed circuit FR4,



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com