Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60RL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS3L60RL
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60RL Datasheet(HTML) 5 Page - STMicroelectronics

  STPS3L60RL Datasheet HTML 1Page - STMicroelectronics STPS3L60RL Datasheet HTML 2Page - STMicroelectronics STPS3L60RL Datasheet HTML 3Page - STMicroelectronics STPS3L60RL Datasheet HTML 4Page - STMicroelectronics STPS3L60RL Datasheet HTML 5Page - STMicroelectronics STPS3L60RL Datasheet HTML 6Page - STMicroelectronics STPS3L60RL Datasheet HTML 7Page - STMicroelectronics STPS3L60RL Datasheet HTML 8Page - STMicroelectronics STPS3L60RL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STPS3L60
Characteristics
Doc ID 7505 Rev 6
5/11
Figure 9.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (SMB)
Figure 10.
Non repetitive surge peak forward
current versus overload duration
(maximum values) (SMBflat)
0
1
2
3
4
5
6
7
8
9
10
11
1.E-03
1.E-02
1.E-01
1.E+00
Ta=25 °C
Ta=50 °C
Ta=100 °C
IM
t
δ =0.5
I (A)
M
t(s)
0
5
10
15
20
25
30
35
40
1.E-03
1.E-02
1.E-01
1.E+00
T
L=25°C
T
L=50°C
T
L=100°C
IM
t
δ =0.5
I (A)
M
t(s)
Figure 11.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (DO-201AD)
Figure 12.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (DO-15)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
Z/R
th(j-a)
th(j-a)
t (s)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
Z/R
th(j-a)
th(j-a)
t (s)
p
Figure 13.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (SMB)
Figure 14.
Relative variation of thermal
impedance junction to lead
versus pulse duration (SMBflat)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
Z/R
th(j-a)
th(j-a)
t (s)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Single pulse
Z/R
th(j-l)
th(j-l)
t (s)
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com