Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3L60RL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS3L60RL
Description  Power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3L60RL Datasheet(HTML) 3 Page - STMicroelectronics

  STPS3L60RL Datasheet HTML 1Page - STMicroelectronics STPS3L60RL Datasheet HTML 2Page - STMicroelectronics STPS3L60RL Datasheet HTML 3Page - STMicroelectronics STPS3L60RL Datasheet HTML 4Page - STMicroelectronics STPS3L60RL Datasheet HTML 5Page - STMicroelectronics STPS3L60RL Datasheet HTML 6Page - STMicroelectronics STPS3L60RL Datasheet HTML 7Page - STMicroelectronics STPS3L60RL Datasheet HTML 8Page - STMicroelectronics STPS3L60RL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STPS3L60
Characteristics
Doc ID 7505 Rev 6
3/11
To evaluate the conduction losses use the following equation :
P = 0.44 x IF(AV) + 0.05 x IF
2
(RMS)
Table 4.
Static electrical characteristics
Symbol
Parameter
Tests Conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test :tp = 380 µs, δ < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
--
150
µA
Tj = 100 °C
-4
15
mA
Tj = 125 °C
-14
30
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 3 A
--
0.62
V
Tj = 100 °C
-0.53
0.61
Tj = 125 °C
-0.51
0.59
Tj = 25 °C
IF = 6 A
--
0.79
Tj = 100 °C
-0.62
0.71
Tj = 125 °C
-0.6
0.69
Figure 1.
Average forward power dissipation
versus average forward current
Figure 2.
Average forward current versus
ambient temperature (
δ = 0.5)
(DO-201AD, SMB)
P
(W)
F(AV)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
T
δ=tp/T
tp
I
(A)
F(AV)
δ = 0.05
δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
I
(A)
F(AV)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
25
50
75
100
125
150
R
=80°C/W
th(j-a)
R=R
th(j-a)
th(j-I)
T
(°C)
amb



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com