Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL65J7SA Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # QL65J7SA
Description  Visible Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

QL65J7SA Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  QL65J7SA Datasheet HTML 1Page - Roithner LaserTechnik GmbH QL65J7SA Datasheet HTML 2Page - Roithner LaserTechnik GmbH QL65J7SA Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
08.08.2011
QL65J7SA
1 of 3
QL65J7SA
TECHNICAL DATA
Visible Laser Diode
InGaAIP
Features
• Lasing Mode Structure: single mode
• Peak Wavelength : typ. 660 nm
• Optical Ouput Power: 50 mW
• Package: 5.6 mm
Electrical Connection
Pin Configuration
Bottom View
n-type
PIN
Function
1
LD Cathode
2
LD Anode, PD Cathode
3
PD Anode
Absolute Maximum Ratings (TC=20°C)
Item
Symbol
Value
Unit
CW Output Power
PO
60
mW
Laser Diode Reverse Voltage
VLDR
2
V
Photo Diode Reverse Voltage
VPDR
30
V
Operating Case Temperature
TC
-10 … +75
°C
Storage Temperature
Tstg
-40 … +85
°C
Specifications (TC=20°C)
Item
Symbol
Min.
Typ.
Max.
Unit
Optical Specifications
CW Output Power
PO
-
50
-
mW
Center Wavelength
λ
C
653
660
667
nm
θ║
6
9
12
deg
Beam Divergence
θ┴
15
20
25
deg
Beam Angle
Δθ║
-
-
±3
deg
Δθ┴
-
-
±3
deg
Optical Distance
ΔX, ΔY, ΔZ
-
-
±60
µm
Electrical Specifications
Threshold Current
Ith
30
45
60
mA
Operating Current
Iop
-
90
120
mA
Slope Efficiency
η
-
1.0
-
W/A
Operating Voltage
Vop
-
2.6
3.0
V
Monitor Current
Im
0.01
0.3
1.0
mA
The above specifications are for reference purpose only and subjected to change without prior notice.


Similar Part No. - QL65J7SA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL65D5SA ETC1-QL65D5SA Datasheet
32Kb / 3P
InGaAlP Laser Diode
QL65D6SA ETC1-QL65D6SA Datasheet
85Kb / 7P
InGaAlP Laser Diode
logo
Roithner LaserTechnik G...
QL65D6SA ROITHNER-QL65D6SA Datasheet
173Kb / 3P
red laser diode
QL65E7S-A ROITHNER-QL65E7S-A Datasheet
180Kb / 3P
OVERVIEW
QL65E7S-ABC ROITHNER-QL65E7S-ABC Datasheet
180Kb / 3P
laser module
More results

Similar Description - QL65J7SA

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1121VS SONY-SLD1121VS Datasheet
51Kb / 6P
5mW Visible Laser Diode
SLD1122VS SONY-SLD1122VS Datasheet
56Kb / 6P
5mW Visible Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
List of Unclassifed Man...
ADL-66201TL ETC2-ADL-66201TL Datasheet
409Kb / 2P
Visible Laser Diode
logo
Roithner LaserTechnik G...
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
High Power Visible Laser Diode
RLT650_200G ROITHNER-RLT650_200G Datasheet
186Kb / 3P
High Power Visible Laser Diode
RLT6530G ROITHNER-RLT6530G Datasheet
82Kb / 1P
Visible Laser Diode
RLT65300T ROITHNER-RLT65300T Datasheet
128Kb / 3P
High Power Visible Laser Diode
RLT635-100GPD ROITHNER-RLT635-100GPD Datasheet
186Kb / 3P
high power visible laser diode
logo
Renesas Technology Corp
NDL3321ST RENESAS-NDL3321ST Datasheet
187Kb / 10P
VISIBLE LASER DIODE
1996
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com