Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMW-690-R Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # STMW-690-R
Description  BOURNS OFFERS OVER 35 ASSORTED KITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

STMW-690-R Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  STMW-690-R Datasheet HTML 1Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 2Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 3Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 4Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 5Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Kit Part Number
Description
Hold Current Range
Qty. Per Value
MF-RLAB010-110
Radial Leaded Through-Hole Models
100mA-1.1Amps
10
MF-RLAB135-900
Radial Leaded Through-Hole Models
1.35Amps-9.0Amps
10
MF-SMLAB030-260
Surface Mount Models
300mA-2.6Amps
10
MF-MSMDLAB020-110
Mini-Surface Mount Models
140mA-1.10Amps
10
MF-SLAB120-420
Battery Strap Models
1.2Amps-4.2Amps
10
MF-LSLAB070-340
Low-Temperature Battery Strap Models
0.7Amps-3.4Amps
10
MF-LRLAB190-730
Low-Resistance Battery Strap Models
1.9Amps-7.3Amps
10
DESIGN
KITS
Multifuse
®
PTC Resettable Fuses
Kit Part Number
Chip Size
TR tol.
R-Range
Values
E-Series
CR1206-FX-LAB3
1206
1%
10
Ω to 10MΩ
122
E24
CR1206-FX-LAB4
1206
1%
10
Ω to 1MΩ
242
E48
CR0805-FX-LAB5
0805
1%
75
Ω to 1MΩ
101
E24
CR0603-JW-LAB6
0603
5%
3.3
Ω to 1MΩ
128
E24 10
Ω to 1MΩ Rest E12
CR0603-FX-LAB7
0603
1%
10
Ω to 1MΩ
122
E24
DESIGN
KITS
Chip Resistors
Kit Part Number
Resistor Size
TR tol.
R-Range
Values
E-Series
CAT16-J4-LAB1
0603
5%
10
Ω to 1MΩ
62 concave
E12
CAY16-J4-LAB2
0603
5%
10
Ω to 1MΩ
62 convex
E12
DESIGN
KITS
Chip Arrays
All kits have 50 pieces per value, jumper included.
All kits have 50 pieces per value, jumper included.
Seven Kits Available
Seven Kits Available
Two Kits Available



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com