Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMW-690-R Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # STMW-690-R
Description  BOURNS OFFERS OVER 35 ASSORTED KITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

STMW-690-R Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  STMW-690-R Datasheet HTML 1Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 2Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 3Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 4Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 5Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DESIGN
KITS
BOURNS OFFERS OVER 35 ASSORTED KITS
Europe: Bourns AG, Phone +41-(0)41-768 55 55, Fax +41-(0)41-768 55 10
North America: Bourns, Inc., Phone 909-781-5500, Fax 909-781-5006
Asia-Pacific: Bourns Asia Pacific, Inc., Phone +886- (0)2 25624117, Fax +886- (0)2 2562-4116
www.bourns.com
Features:
• Wide assortment of popular models
• Large quantity of each value
• Convenient, easy-to-use packaging
• Allows application testing before
ordering minimum quantities
A Great Sales Tool!
BOURNS Products


Similar Part No. - STMW-690-R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STMW-690-R BOURNS-STMW-690-R Datasheet
232Kb / 2P
Sealed Tact Switch
STMW-690-RTR BOURNS-STMW-690-RTR Datasheet
232Kb / 2P
Sealed Tact Switch
More results

Similar Description - STMW-690-R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3296 BOURNS-3296 Datasheet
121Kb / 2P
3296 - 3/8 ??Square Trimming Potentiometer - Bourns
logo
Maxim Integrated Produc...
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
Evaluation Kits
Rev 2; 5/01
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
Evaluation Kits
Rev 1; 5/01
logo
Bourns Electronic Solut...
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
Bourns Releases New Power TVS (PTVS) Products
CR00201-FW-8252ELF BOURNS-CR00201-FW-8252ELF Datasheet
312Kb / 8P
Bourns Chip Resistors and Arrays
logo
Coilcraft lnc.
C422 COILCRAFT-C422 Datasheet
237Kb / 4P
Designers Kits
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
New Bourns Amplifi er Potentiometer Design Kits Released
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
Starter Kits
logo
SparkFun Electronics
COM-14977 SPARKFUN-COM-14977 Datasheet
245Kb / 2P
LED - Assorted with Resistor 5mm (20 pack)
10-29-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com