Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMW-690-R Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # STMW-690-R
Description  BOURNS OFFERS OVER 35 ASSORTED KITS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

STMW-690-R Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  STMW-690-R Datasheet HTML 1Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 2Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 3Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 4Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 5Page - Bourns Electronic Solutions STMW-690-R Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Kit Contains
Part Numbers
Quantity
3313J-1-501E
25
3313J-1-502E
25
3313J-1-103E
25
3313J-1-104E
25
3313J-1-105E
25
3314J-1-501E
25
3314G-1-502E
25
3314J-1-103E
25
3314G-1-104E
25
3314J-1-105E
25
3224W-1-501E
10
3224G-1-502E
10
3224W-1-103E
10
3224G-1-104E
10
3224W-1-105E
10
3364W-1-501E
25
3364W-1-502E
25
3364W-1-103E
25
3364W-1-104E
25
3364W-1-105E
25
3269W-1-501G
10
3269P-1-502G
10
3269W-1-103G
10
3269P-1-104G
10
3269W-1-105E
10
3374W-1-501E
25
3374W-1-502E
25
3374W-1-103E
25
3374W-1-104E
25
3374W-1-105E
25
H-91 Adjustment Tool
1
Kit Contains
Part Numbers
Quantity
3006P-1-502
10
3048L-5-103
3
3224W-1-103
20
3266W-1-203
10
3269W-1-502
20
3292W-1-503
5
3296W-1-203
10
3313J-1-203
20
3314G-1-102
20
3361P-1-103
20
3361S-1-104
20
3329H-1-102
10
3339P-1-503
10
3362P-1-203
10
3374W-1-103
20
3386W-1-103
10
70AAJ-3-M0
20
7914J-1-000
20
DESIGN
KIT
Kit No. H-814-2
Surface Mount Trimmers
DESIGN
KIT
Kit No. H-840
Trimpot ® Products
Kit Contains
Part Numbers
Quantity
3302W-2-103E
20
3303W-3-102E
20
3303W-3-502E
20
3306F-1-202
20
3306K-1-104
20
3306P-1-101
20
3306W-1-502
20
3309P-1-204
20
3309W-1-101
20
3318F-1-103
20
3318K-1-103
20
3319P-2-103
20
3319P-3-203
20
3319W-1-503
20
TC76B-1-502
20
TC76Z-1-103
20
TDB06-6-104
20
TDB10-4-503
20
DESIGN
KIT
Kit No. H-841
Open Frame Trimmers



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com