Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3100C18-3SW Datasheet(PDF) 64 Page - Amphenol Corporation

Part # CS3100C18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3SW Datasheet(HTML) 64 Page - Amphenol Corporation

Back Button CS3100C18-3SW Datasheet HTML 60Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 61Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 62Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 63Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 64Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 65Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 66Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 67Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 68Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
63
PLUG PROTECTION CAP 10-329391-XX*
PLUG PROTECTION CAP 10-229125-XX*
PLUG PROTECTION CAP MS25042-XXDA*
Assembly
Number
A
Thread
Class 2A
B Dia.
+.010
–.000
C
Approx.
L
Max.
10-329391-10
.625-24UNEF
.516
3.5
1.312
10-329391-11
.625-24UNEF
.641
3.5
1.312
10-329391-12
.750-20UNEF
.641
3.5
1.500
10-329391-14
.875-20UNEF
.766
3.5
1.500
10-329391-16
1.000-20UNEF
.891
3.5
1.500
10-329391-18
1.125-18UNEF
1.016
3.5
1.500
10-329391-20
1.250-18UNEF
1.141
4.0
1.500
10-329391-22
1.375-18UNEF
1.266
4.0
1.500
10-329391-24
1.500-18UNEF
1.391
4.5
1.500
10-329391-28
1.750-18UNS
1.641
4.5
1.500
10-329391-32
2.000-18UNS
1.891
5.0
1.500
10-329391-36
2.250-16UN
2.078
5.0
1.500
10-329391-40
2.500-16UN
2.328
5.0
1.500
10-329391-44
2.750-16UN
2.641
6.0
1.500
Assembly
Number
A
Thread
Class 2A
C
Approx.
D
Ref.
L
Max.
10-229125-10
.625-24NEF
3.0
.140
1.233
10-229125-12
.750-20UNEF
3.5
.140
1.421
10-229125-14
.875-20UNEF
3.5
.140
1.421
10-229125-16
1.000-20UNEF
3.5
.140
1.421
10-229125-18
1.125-18NEF
3.5
.140
1.421
10-229125-20
1.250-18NEF
3.5
.193
1.421
10-229125-22
1.375-18NEF
3.5
.193
1.421
10-229125-24
1.500-18NEF
4.5
.193
1.421
10-229125-28
1.750-18NS
4.5
.193
1.421
10-229125-32
2.000-18NS
5.0
.193
1.421
10-229125-36
2.250-16UN
5.0
.193
1.421
10-229125-40
2.500-16UN
5.0
.193
1.421
* Protective caps are illustrated with sash chains and are available with beaded
chains or without chains. Optional terminations are also available. Consult
Amphenol, Sidney, NY when ordering.
MS
Number
A
Thread
Class 2A
B Dia.
+.010
–.005
C
Approx.
L
Max.
MS25042-8DA
.500-28UNEF
.156
4.00
.969
MS25042-10DA
.625-24UNEF
.156
4.00
.969
MS25042-12DA
.750-20UNEF
.156
4.50
1.156
MS25042-14DA
.875-20UNEF
.156
4.50
1.156
MS25042-16DA
1.000-20UNEF
.156
4.50
1.156
MS25042-18DA
1.125-18UNEF
.156
4.50
1.156
MS25042-20DA
1.250-18UNEF
.187
5.00
1.156
MS25042-22DA
1.375-18UNEF
.187
5.00
1.156
MS25042-24DA
1.500-18UNEF
.187
5.50
1.156
MS25042-28DA
1.750-18UNS
.187
7.75
1.156
MS25042-32DA
2.000-18UNS
.218
7.75
1.156
MS25042-36DA
2.250-16UN
.218
7.75
1.156
MS25042-40DA
2.500-16UN
.218
7.75
1.156
MS/Standard Accessories
protection caps – plug
B
A THD
L
C
A THD
L
D
C
D
A THD
L
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com