Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3100C18-3SW Datasheet(PDF) 19 Page - Amphenol Corporation

Part # CS3100C18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3SW Datasheet(HTML) 19 Page - Amphenol Corporation

Back Button CS3100C18-3SW Datasheet HTML 15Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 16Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 17Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 18Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 19Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 20Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 21Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 22Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 23Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
18
L
Z
B
A
Thread
Y
Thread
F
J
Shell
Size
A
Thread
Class 2A
B
Min.
Full
Thread
F
Dia.
Max.
J
Dia.
Max.
L
Max.
Y
Thread
Class 2
Z
±.040
8S
.5000-28UNEF
.406
.959
.557
1.588
6-32NC
1.094
10S
.6250-24NEF
.406
1.026
.682
1.588
6-32NC
1.094
10SL
.6250-24NEF
.406
1.120
.807
1.588
6-32NC
1.094
12S
.7500-20UNEF
.422
1.120
.807
1.588
6-32NC
1.094
12
.7500-20UNEF
.656
1.120
.807
1.931
6-32NC
1.532
14S
.8750-20UNEF
.391
1.307
.932
1.588
6-32NC
1.094
14
.8750-20UNEF
.625
1.307
.932
1.931
6-32NC
1.532
16S
1.0000-20UNEF
.391
1.432
1.057
1.588
6-32NC
1.094
16
1.0000-20UNEF
.625
1.432
1.057
1.931
6-32NC
1.532
18
1.1250-18NEF
.625
1.557
1.182
1.931
6-32NC
1.532*
20
1.2500-18NEF
.625
1.744
1.291
1.931
8-32NC
1.532*
22
1.3750-18NEF
.625
1.869
1.432
1.931
8-32NC
1.532*
24
1.5000-18NEF
.625
1.994
1.557
2.009
8-32NC
1.532*
28
1.7500-18NS
.625
2.166
1.807
2.009
8-32NC
1.532*
32
2.0000-18NS
.625
2.541
2.057
2.072
10-32NF
1.532*
36
2.2500-16UN
.625
2.729
2.260
2.072
10-32NF
1.532*
40
2.5000-16UN
.625
2.979
2.510
2.072
10-32NF
1.532*
MS/Standard
MS3101R
cable connecting plug
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
All lockwire holes are .045 dia. min.
* Increase Z dimension by .312 for size “0” contact only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com