Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3100C18-3SW Datasheet(PDF) 16 Page - Amphenol Corporation

Part # CS3100C18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3100C18-3SW Datasheet(HTML) 16 Page - Amphenol Corporation

Back Button CS3100C18-3SW Datasheet HTML 12Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 13Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 14Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 15Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 16Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 17Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 18Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 19Page - Amphenol Corporation CS3100C18-3SW Datasheet HTML 20Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
15
Q
N
Y
U
A
Thread
LJ
Z
Shell
Size
A
Thread
Class 2B
J
±.005
L
Max.
N
Max.
Q
Dia.
Max.
U
Max.
Y
Thread
Class 2B
Z
±.045
8S
.5000-28UNEF
.531
.927
.807
.741
1.445
6-32NC
.562
10S
.6250-24NEF
.531
.927
.807
.869
1.445
6-32NC
.562
10SL
.6250-24NEF
.531
.951
.901
.946
1.508
6-32NC
.562
12S
.7500-20UNEF
.531
.956
.901
.995
1.508
6-32NC
.562
12
.7500-20UNEF
.719
1.143
.901
.995
1.508
6-32NC
.812
14S
.8750-20UNEF
.531
1.020
1.026
1.123
1.570
6-32NC
.562
14
.8750-20UNEF
.719
1.207
1.026
1.123
1.570
6-32NC
.812
16S
1.0000-20UNEF
.531
1.146
1.119
1.250
1.633
6-32NC
.562
16
1.1000-20UNEF
.719
1.333
1.119
1.250
1.633
6-32NC
.812
18
1.1250-18NEF
.719
1.395
1.229
1.333
1.759
6-32NC
.812*
20
1.2500-18NEF
.719
1.598
1.479
1.461
1.931
8-32NC
.812*
22
1.3750-18NEF
.719
1.598
1.479
1.588
1.993
8-32NC
.812*
24
1.5000-18NEF
.719
1.786
1.666
1.729
2.119
8-32NC
.812*
28
1.7500-18NS
.719
1.786
1.666
1.968
2.181
8-32NC
.812*
32
2.0000-18NS
.719
2.020
2.135
2.209
2.570
10-32NF
.812*
36
2.2500-16UN
.719
2.145
2.260
2.463
2.695
10-32NF
.812*
40
2.5000-16UN
.719
2.270
2.510
2.719
2.851
10-32NF
.812*
MS/Standard
MS3108E
90 degree plug
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
All lockwire holes are .045 dia. min.
* Increase Z dimension by .312 for size “0” contact only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com