Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 37 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 37 Page - TDK Electronics

Back Button C2012 Datasheet HTML 33Page - TDK Electronics C2012 Datasheet HTML 34Page - TDK Electronics C2012 Datasheet HTML 35Page - TDK Electronics C2012 Datasheet HTML 36Page - TDK Electronics C2012 Datasheet HTML 37Page - TDK Electronics C2012 Datasheet HTML 38Page - TDK Electronics C2012 Datasheet HTML 39Page - TDK Electronics C2012 Datasheet HTML 40Page - TDK Electronics C2012 Datasheet HTML 41Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: JB (-25 to +85ºC, ±10%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
3.3 F
3225
2.50 ± 0.30
± 10%
C3225JB1H335K250AA
± 20%
C3225JB1H335M250AA
4.7 F
1608
0.80 ± 0.10
± 10%
C1608JB1E475K080AC
C1608JB1C475K080AC
± 20%
C1608JB1E475M080AC
C1608JB1C475M080AC
0.80 ± 0.20
± 10%
C1608JB1V475K080AC
± 20%
C1608JB1V475M080AC
2012
0.60 ± 0.15
± 10%
C2012JB1C475K060AC
± 20%
C2012JB1C475M060AC
0.85 ± 0.15
± 10%
C2012JB1E475K085AC
C2012JB1C475K085AB
± 20%
C2012JB1E475M085AC
C2012JB1C475M085AB
1.25 ± 0.20
± 10%
C2012JB1H475K125AB
C2012JB1V475K125AC
C2012JB1E475K125AB
C2012JB1C475K125AC
± 20%
C2012JB1H475M125AB
C2012JB1V475M125AC
C2012JB1E475M125AB
C2012JB1C475M125AC
3216
0.85 ± 0.10
± 10%
C3216JB1H475K085AB
C3216JB1V475K085AB
C3216JB1E475K085AB
± 20%
C3216JB1H475M085AB
C3216JB1V475M085AB
C3216JB1E475M085AB
1.15 ± 0.10
± 10%
C3216JB1E475K115AB
± 20%
C3216JB1E475M115AB
1.60 ± 0.20
± 10%
C3216JB1H475K160AB
C3216JB1V475K160AB
C3216JB1E475K160AA
± 20%
C3216JB1H475M160AB
C3216JB1V475M160AB
C3216JB1E475M160AA
3225
2.50 ± 0.30
± 10%
C3225JB1H475K250AB
± 20%
C3225JB1H475M250AB
6.8 F
1608
0.80 ± 0.20
± 10%
C1608JB1E685K080AC
C1608JB1C685K080AB
± 20%
C1608JB1E685M080AC
C1608JB1C685M080AB
2012
0.85 ± 0.15
± 10%
C2012JB1C685K085AC
± 20%
C2012JB1C685M085AC
1.25 ± 0.20
± 10%
C2012JB1V685K125AC
C2012JB1E685K125AC
C2012JB1C685K125AC
± 20%
C2012JB1V685M125AC
C2012JB1E685M125AC
C2012JB1C685M125AB
3216
1.60 ± 0.20
± 10%
C3216JB1H685K160AB
C3216JB1V685K160AB
C3216JB1E685K160AB
C3216JB1C685K160AA
± 20%
C3216JB1H685M160AB
C3216JB1V685M160AB
C3216JB1E685M160AB
C3216JB1C685M160AA
3225
2.00 ± 0.20
± 10%
C3225JB1E685K200AA
C3225JB1C685K200AA
± 20%
C3225JB1E685M200AA
C3225JB1C685M200AA
2.50 ± 0.30
± 10%
C3225JB1H685K250AB
± 20%
C3225JB1H685M250AB
4532
2.50 ± 0.30
± 10%
C4532JB1H685K250KA
± 20%
C4532JB1H685M250KA
10 F
1608
0.80 ± 0.20
± 20%
C1608JB1E106M080AC
C1608JB1C106M080AB
2012
0.85 ± 0.15
± 10%
C2012JB1V106K085AC
C2012JB1E106K085AC
C2012JB1C106K085AC
± 20%
C2012JB1V106M085AC
C2012JB1E106M085AC
C2012JB1C106M085AC
1.25 ± 0.20
± 10%
C2012JB1V106K125AC
C2012JB1E106K125AB
C2012JB1C106K125AB
± 20%
C2012JB1V106M125AC
C2012JB1E106M125AB
C2012JB1C106M125AB
3216
0.85 ± 0.10
± 10%
C3216JB1E106K085AC
C3216JB1C106K085AB
± 20%
C3216JB1E106M085AC
C3216JB1C106M085AB
1.60 ± 0.20
± 10%
C3216JB1H106K160AB
C3216JB1V106K160AB
C3216JB1E106K160AB
C3216JB1C106K160AA
± 20%
C3216JB1H106M160AB
C3216JB1V106M160AB
C3216JB1E106M160AB
C3216JB1C106M160AA
3225
2.00 ± 0.20
± 10%
C3225JB1C106K200AA
± 20%
C3225JB1C106M200AA
2.50 ± 0.30
± 10%
C3225JB1H106K250AB
C3225JB1E106K250AA
± 20%
C3225JB1H106M250AB
C3225JB1E106M250AA
4532
2.50 ± 0.30
± 10%
C4532JB1E106K250KA
± 20%
C4532JB1E106M250KA
15 F
2012
1.25 ± 0.20
± 20%
C2012JB1V156M125AC
C2012JB1E156M125AC
C2012JB1C156M125AC
3216
1.60 ± 0.20
± 20%
C3216JB1V156M160AC
C3216JB1E156M160AB
C3216JB1C156M160AB
3225
2.30 ± 0.20
± 20%
C4532JB1E156M250KA
C3225JB1C156M250AA
22 F
2012
0.85 ± 0.15
± 20%
C2012JB1C226M085AC
1.25 ± 0.20
± 20%
C2012JB1V226M125AC
C2012JB1E226M125AC
C2012JB1C226M125AC
3216
1.60 ± 0.20
± 20%
C3216JB1V226M160AC
C3216JB1E226M160AB
C3216JB1C226M160AB
3225
2.50 ± 0.30
± 20%
C3225JB1C226M250AA
4532
2.00 ± 0.20
± 20%
C4532JB1C226M200KA
2.50 ± 0.30
± 20%
C4532JB1E226M250KA
5750
2.50 ± 0.30
± 20%
C5750JB1E226M250KA
Page 36
MULTILAYER CERAMIC CHIP CAPACITORS
003-02 / 20130710 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com