Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 48 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 48 Page - TDK Electronics

Back Button C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X6S (-55 to +105ºC, ±22%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 35V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
2.2 F
1608
0.80 ± 0.10
± 10%
C1608X6S1C225K080AC
± 20%
C1608X6S1C225M080AC
2012
0.85 ± 0.15
± 10%
C2012X6S1H225K085AC
C2012X6S1V225K085AB
C2012X6S1E225K085AB
C2012X6S1C225K085AB
± 20%
C2012X6S1H225M085AC
C2012X6S1V225M085AB
C2012X6S1E225M085AB
C2012X6S1C225M085AB
1.25 ± 0.20
± 10%
C2012X6S1H225K125AB
C2012X6S1V225K125AB
C2012X6S1E225K125AC
± 20%
C2012X6S1H225M125AB
C2012X6S1V225M125AB
C2012X6S1E225M125AC
3216
1.60 ± 0.20
± 10%
C3216X6S1H225K160AB
C3216X6S1V225K160AB
± 20%
C3216X6S1H225M160AB
C3216X6S1V225M160AB
3.3 F
1608
0.80 ± 0.20
± 10%
C1608X6S1C335K080AC
± 20%
C1608X6S1C335M080AC
2012
1.25 ± 0.20
± 10%
C2012X6S1H335K125AC
C2012X6S1V335K125AB
C2012X6S1E335K125AC
C2012X6S1C335K125AC
± 20%
C2012X6S1H335M125AC
C2012X6S1V335M125AB
C2012X6S1E335M125AC
C2012X6S1C335M125AC
3216
1.60 ± 0.20
± 10%
C3216X6S1H335K160AB
C3216X6S1V335K160AB
± 20%
C3216X6S1H335M160AB
C3216X6S1V335M160AB
4.7 F
1608
0.80 ± 0.20
± 10%
C1608X6S1C475K080AC
± 20%
C1608X6S1C475M080AC
2012
0.85 ± 0.15
± 10%
C2012X6S1C475K085AC
± 20%
C2012X6S1C475M085AC
1.25 ± 0.20
± 10%
C2012X6S1H475K125AC
C2012X6S1V475K125AB
C2012X6S1E475K125AC
C2012X6S1C475K125AC
± 20%
C2012X6S1H475M125AC
C2012X6S1V475M125AB
C2012X6S1E475M125AC
C2012X6S1C475M125AC
3216
0.85 ± 0.10
± 10%
C3216X6S1V475K085AC
C3216X6S1E475K085AB
± 20%
C3216X6S1V475M085AC
C3216X6S1E475M085AB
1.60 ± 0.20
± 10%
C3216X6S1H475K160AB
C3216X6S1V475K160AB
C3216X6S1E475K160AB
± 20%
C3216X6S1H475M160AB
C3216X6S1V475M160AB
C3216X6S1E475M160AB
3225
2.50 ± 0.30
± 10%
C3225X6S1H475K250AB
± 20%
C3225X6S1H475M250AB
6.8 F
2012
1.25 ± 0.20
± 10%
C2012X6S1C685K125AC
± 20%
C2012X6S1C685M125AC
3216
1.60 ± 0.20
± 10%
C3216X6S1V685K160AC
C3216X6S1E685K160AB
C3216X6S1C685K160AC
± 20%
C3216X6S1V685M160AC
C3216X6S1E685M160AB
C3216X6S1C685M160AC
3225
2.50 ± 0.30
± 10%
C3225X6S1H685K250AC
C3225X6S1V685K250AC
C3225X6S1E685K250AB
± 20%
C3225X6S1H685M250AC
C3225X6S1V685M250AC
C3225X6S1E685M250AB
10 F
2012
0.85 ± 0.15
± 10%
C2012X6S1C106K085AC
± 20%
C2012X6S1C106M085AC
1.25 ± 0.20
± 10%
C2012X6S1C106K125AC
± 20%
C2012X6S1C106M125AC
3216
0.85 ± 0.10
± 10%
C3216X6S1C106K085AC
± 20%
C3216X6S1C106M085AC
1.60 ± 0.20
± 10%
C3216X6S1V106K160AC
C3216X6S1E106K160AB
C3216X6S1C106K160AB
± 20%
C3216X6S1V106M160AC
C3216X6S1E106M160AB
C3216X6S1C106M160AB
3225
2.50 ± 0.30
± 10%
C3225X6S1H106K250AC
C3225X6S1V106K250AC
C3225X6S1E106K250AC
± 20%
C3225X6S1H106M250AC
C3225X6S1V106M250AC
C3225X6S1E106M250AC
15 F
2012
1.25 ± 0.20
± 20%
C2012X6S1C156M125AC
3216
1.60 ± 0.20
± 20%
C3216X6S1C156M160AC
22 F
2012
1.25 ± 0.20
± 20%
C2012X6S1C226M125AC
3216
1.60 ± 0.20
± 20%
C3216X6S1C226M160AC
3225
2.50 ± 0.30
± 20%
C3225X6S1C226M250AC
Class 2 (Temperature Stable)
Temperature Characteristics: X6S (-55 to +105ºC, ±22%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4V
100 pF
0402
0.20 ± 0.02
± 10%
C0402X6S1A101K020BC
C0402X6S0J101K020BC
C0402X6S0G101K020BC
± 20%
C0402X6S1A101M020BC
C0402X6S0J101M020BC
C0402X6S0G101M020BC
150 pF
0402
0.20 ± 0.02
± 10%
C0402X6S1A151K020BC
C0402X6S0J151K020BC
C0402X6S0G151K020BC
± 20%
C0402X6S1A151M020BC
C0402X6S0J151M020BC
C0402X6S0G151M020BC
220 pF
0402
0.20 ± 0.02
± 10%
C0402X6S1A221K020BC
C0402X6S0J221K020BC
C0402X6S0G221K020BC
± 20%
C0402X6S1A221M020BC
C0402X6S0J221M020BC
C0402X6S0G221M020BC
330 pF
0402
0.20 ± 0.02
± 10%
C0402X6S1A331K020BC
C0402X6S0J331K020BC
C0402X6S0G331K020BC
± 20%
C0402X6S1A331M020BC
C0402X6S0J331M020BC
C0402X6S0G331M020BC
Page 47
MULTILAYER CERAMIC CHIP CAPACITORS
003-02 / 20130710 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com