Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C2012 Datasheet(PDF) 54 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 54 Page - TDK Electronics

Back Button C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics C2012 Datasheet HTML 50Page - TDK Electronics C2012 Datasheet HTML 51Page - TDK Electronics C2012 Datasheet HTML 52Page - TDK Electronics C2012 Datasheet HTML 53Page - TDK Electronics C2012 Datasheet HTML 54Page - TDK Electronics C2012 Datasheet HTML 55Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X7R (-55 to +125ºC, ±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4V
100 pF
0402
0.20 ± 0.02
± 10%
C0402X7R1A101K020BC
C0402X7R0J101K020BC
C0402X7R0G101K020BC
± 20%
C0402X7R1A101M020BC
C0402X7R0J101M020BC
C0402X7R0G101M020BC
150 pF
0402
0.20 ± 0.02
± 10%
C0402X7R1A151K020BC
C0402X7R0J151K020BC
C0402X7R0G151K020BC
± 20%
C0402X7R1A151M020BC
C0402X7R0J151M020BC
C0402X7R0G151M020BC
220 pF
0402
0.20 ± 0.02
± 10%
C0402X7R1A221K020BC
C0402X7R0J221K020BC
C0402X7R0G221K020BC
± 20%
C0402X7R1A221M020BC
C0402X7R0J221M020BC
C0402X7R0G221M020BC
330 pF
0402
0.20 ± 0.02
± 10%
C0402X7R1A331K020BC
C0402X7R0J331K020BC
C0402X7R0G331K020BC
± 20%
C0402X7R1A331M020BC
C0402X7R0J331M020BC
C0402X7R0G331M020BC
470 pF
0402
0.20 ± 0.02
± 10%
C0402X7R1A471K020BC
C0402X7R0J471K020BC
C0402X7R0G471K020BC
± 20%
C0402X7R1A471M020BC
C0402X7R0J471M020BC
C0402X7R0G471M020BC
680 pF
0402
0.20 ± 0.02
± 10%
C0402X7R1A681K020BC
C0402X7R0J681K020BC
C0402X7R0G681K020BC
± 20%
C0402X7R1A681M020BC
C0402X7R0J681M020BC
C0402X7R0G681M020BC
1 nF
0402
0.20 ± 0.02
± 10%
C0402X7R1A102K020BC
± 20%
C0402X7R1A102M020BC
1.5 nF
0402
0.20 ± 0.02
± 10%
C0402X7R1A152K020BC
± 20%
C0402X7R1A152M020BC
2.2 nF
0603
0.30 ± 0.03
± 10%
C0603X7R1A222K030BA
C0603X7R0J222K030BA
± 20%
C0603X7R1A222M030BA
C0603X7R0J222M030BA
4.7 nF
0603
0.30 ± 0.03
± 10%
C0603X7R1A472K030BA
C0603X7R0J472K030BA
± 20%
C0603X7R1A472M030BA
C0603X7R0J472M030BA
10 nF
0603
0.30 ± 0.03
± 10%
C0603X7R1A103K030BA
C0603X7R0J103K030BA
± 20%
C0603X7R1A103M030BA
C0603X7R0J103M030BC
100 nF
1005
0.50 ± 0.05
± 10%
C1005X7R1A104K050BB
150 nF
1005
0.50 ± 0.05
± 10%
C1005X7R1A154K050BB
± 20%
C1005X7R1A154M050BB
220 nF
1005
0.50 ± 0.05
± 10%
C1005X7R1A224K050BB
± 20%
C1005X7R1A224M050BB
680 nF
1608
0.80 +0.15/-0.10
± 10%
C1608X7R1A684K080AC
± 20%
C1608X7R1A684M080AC
1 F
1608
0.80 +0.15/-0.10
± 10%
C1608X7R1A105K080AC
± 20%
C1608X7R1A105M080AC
1.5 F
1608
0.80 ± 0.10
± 10%
C1608X7R1A155K080AC
C1608X7R0J155K080AB
± 20%
C1608X7R1A155M080AC
C1608X7R0J155M080AB
2.2 F
1608
0.80 ± 0.10
± 10%
C1608X7R1A225K080AC
C1608X7R0J225K080AB
± 20%
C1608X7R1A225M080AC
C1608X7R0J225M080AB
3.3 F
2012
1.25 ± 0.20
± 10%
C2012X7R1A335K125AC
± 20%
C2012X7R1A335M125AC
4.7 F
2012
0.85 ± 0.15
± 10%
C2012X7R1A475K085AC
C2012X7R0J475K085AB
± 20%
C2012X7R1A475M085AC
C2012X7R0J475M085AB
1.25 ± 0.20
± 10%
C2012X7R1A475K125AC
± 20%
C2012X7R1A475M125AC
6.8 F
2012
1.25 ± 0.20
± 10%
C2012X7R1A685K125AC
C2012X7R0J685K125AB
± 20%
C2012X7R1A685M125AC
C2012X7R0J685M125AB
10 F
2012
1.25 ± 0.20
± 10%
C2012X7R1A106K125AC
C2012X7R0J106K125AB
± 20%
C2012X7R1A106M125AC
C2012X7R0J106M125AB
3216
0.85 ± 0.10
± 10%
C3216X7R1A106K085AC
C3216X7R0J106K085AB
± 20%
C3216X7R1A106M085AC
C3216X7R0J106M085AB
1.60 ± 0.20
± 10%
C3216X7R1A106K160AC
± 20%
C3216X7R1A106M160AC
22 F
3225
2.30 ± 0.20
± 10%
C3225X7R1A226K230AC
± 20%
C3225X7R1A226M230AC
Page 53
MULTILAYER CERAMIC CHIP CAPACITORS
003-02 / 20130710 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com