Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25020E/P Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP25020E/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020E/P Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP25020E/P Datasheet HTML 38Page - Microchip Technology MCP25020E/P Datasheet HTML 39Page - Microchip Technology MCP25020E/P Datasheet HTML 40Page - Microchip Technology MCP25020E/P Datasheet HTML 41Page - Microchip Technology MCP25020E/P Datasheet HTML 42Page - Microchip Technology MCP25020E/P Datasheet HTML 43Page - Microchip Technology MCP25020E/P Datasheet HTML 44Page - Microchip Technology MCP25020E/P Datasheet HTML 45Page - Microchip Technology MCP25020E/P Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
MCP2502X/5X
DS21664D-page 42
© 2007 Microchip Technology Inc.
7.3.2
CONVERSION-ON-REQUEST
MODE
If the Conversion-on-request mode is selected, the
device performs an A/D conversion only after receiving
a Read A/D Registers or Read Register Receive
message (IRM). In the case of the Read A/D Registers
command, all of the GPIO pins that have been
configured as analog input channels will have an A/D
conversion done before the data frame is sent. When a
Read Register Receive message is initiated (extended
message format only), the A/D conversion is performed
when the MSB of the analog channel is requested, with
the MSB result being transferred. A subsequent read of
the LSB will transmit the value latched when the MSB
was requested (it is recommended that the Read A/D
Registers receive message is used to obtain complete
analog channel values in one message).
7.4
A/D Threshold Detection
Once an A/D auto-conversion has been completed, the
A/D channel result(s) can be compared to a value
stored in the associated A/D channel comparator
registers.
If the value in the analog channel result registers (i.e.,
AN0L and AN10H registers for analog channel 0) is
lower or higher than the value in the A/D comparator
registers (as specified by a corresponding polarity bit),
a transmit-on-change message will be sent (TXID2).
The
threshold-detection
function
for
all
analog
channels is bit-selectable.
If the A/D channel has been configured for transmit-on-
change mode, the MCP2505 will send a transmit
message with the appropriate data. It is possible that
more than one A/D channel has a change-of-state
condition. This does not pose a problem since all
analog channel data is provided in the transmit
message.
REGISTER 7-1:
A/D MODULE RESULT REGISTER MSB (ADRESNH)
REGISTER 7-2:
A/D MODULE RESULT REGISTER LSB (ADRESNL)
R-x
R-x
R-x
R-x
R-x
R-x
R-x
R-x
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
bit 7
bit 0
bit 7-0
AD9:AD2: Most Significant A/D Result bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R-x
R-x
U-0
U-0
U-0
U-0
U-0
U-0
AD1
AD0
—
—
—
—
—
—
bit 7
bit 0
bit 7-6
AD1:AD0: Least significant A/D Result bits
bit 5-0
Unimplemented: Reads as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com