Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25020E/P Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP25020E/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020E/P Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP25020E/P Datasheet HTML 3Page - Microchip Technology MCP25020E/P Datasheet HTML 4Page - Microchip Technology MCP25020E/P Datasheet HTML 5Page - Microchip Technology MCP25020E/P Datasheet HTML 6Page - Microchip Technology MCP25020E/P Datasheet HTML 7Page - Microchip Technology MCP25020E/P Datasheet HTML 8Page - Microchip Technology MCP25020E/P Datasheet HTML 9Page - Microchip Technology MCP25020E/P Datasheet HTML 10Page - Microchip Technology MCP25020E/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 7
MCP2502X/5X
REGISTER 2-1:
TEC - TRANSMITTER ERROR COUNTER
REGISTER 2-2:
REC - RECEIVER ERROR COUNTER
FIGURE 2-3:
BIT TIME PARTITIONING
2.4
Bit Timing Logic
The Bit Timing Logic (BTL) monitors the bus line input
and handles the bus-related bit timing based on the
CAN protocol. The BTL synchronizes on a recessive-
to-dominant bus transition at Start-of-Frame (hard
synchronization) and on any further recessive-to-
dominant bus line transition if the CAN controller itself
does not transmit a dominant bit (resynchronization).
The BTL also provides programmable time segments
to compensate for the propagation delay time, phase
shifts and to define the position of the sample point
within the bit time. These programmable segments are
made up of integer units called Time Quanta (TQ). The
nominal bit time is calculated by programming the TQ
length and the number of TQ in each time segment, as
discussed below.
2.4.1
TIME QUANTUM (TQ)
Time Quantum is a fixed unit of time derived from the
oscillator period. There is a programmable baud rate
prescaler (BRP) (with integral values ranging from 1 to
64) as well as a fixed division by two for clock
generation.
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
TEC7
TEC6
TEC5
TEC4
TEC3
TEC2
TEC1
TEC0
bit 7
bit 0
bit 7-0
TEC7:TEC0: Transmit Error Counter bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
REC7
REC6
REC5
REC4
REC3
REC2
REC1
REC0
bit 7
bit 0
bit 7-0
REC7:REC0: Receive Error Counter bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Input Signal
Sync
Prop
Segment
Phase
Segment 1
Phase
Segment 2
Sample Point
TQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com