Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP25020E/P Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP25020E/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020E/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP25020E/P Datasheet HTML 10Page - Microchip Technology MCP25020E/P Datasheet HTML 11Page - Microchip Technology MCP25020E/P Datasheet HTML 12Page - Microchip Technology MCP25020E/P Datasheet HTML 13Page - Microchip Technology MCP25020E/P Datasheet HTML 14Page - Microchip Technology MCP25020E/P Datasheet HTML 15Page - Microchip Technology MCP25020E/P Datasheet HTML 16Page - Microchip Technology MCP25020E/P Datasheet HTML 17Page - Microchip Technology MCP25020E/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
MCP2502X/5X
DS21664D-page 14
© 2007 Microchip Technology Inc.
REGISTER 2-10:
RXMSIDH - ACCEPTANCE FILTER MASK STANDARD IDENTIFIER HIGH
REGISTER 2-11:
RXMSIDL - ACCEPTANCE FILTER MASK STANDARD IDENTIFIER LOW
REGISTER 2-12:
RXMEID8 - ACCEPTANCE FILTER MASK EXTENDED IDENTIFIER MID
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3*
bit 7
bit 0
bit 7-0
SID10:SID3: Standard Identifier bits
* If OPTREG2.MTYPE = 1, then SID3 is forced to zero.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-x
R/W-x
R/W-x
U-0
R/W-x
U-0
R/W-x
R/W-x
SID2
SID1
SID0
—
EXIDE
—EID17
EID16
bit 7
bit 0
bit 7-5
SID2:SID0: Standard Identifier bits
Standard messages, bits = b’000’
Extended messages, bits = SID2:SID0
bit 4
Unimplemented: Read as '0’
bit 3
EXIDE: Extended Identifier Enable bit
1
= Apply filter to RXFnSIDL.EXIDE (filter applies to standard or extended message frames
depending on filter bit)
0
= Do not apply filter to RXFnSIDL.EXIDE (filter will be applied to both standard and extended
message frames)
bit 2
Unimplemented: Read as '0’
bit 1-0
EID17:EID16: Extended Identifier bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
bit 7
bit 0
bit 7-0
EID15:EID8: Extended Identifier bits
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com