Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2 Datasheet(PDF) 11 Page - Altera Corporation

Part # EPC2
Description  Configuration Devices for SRAM-Based
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2 Datasheet(HTML) 11 Page - Altera Corporation

Back Button EPC2 Datasheet HTML 7Page - Altera Corporation EPC2 Datasheet HTML 8Page - Altera Corporation EPC2 Datasheet HTML 9Page - Altera Corporation EPC2 Datasheet HTML 10Page - Altera Corporation EPC2 Datasheet HTML 11Page - Altera Corporation EPC2 Datasheet HTML 12Page - Altera Corporation EPC2 Datasheet HTML 13Page - Altera Corporation EPC2 Datasheet HTML 14Page - Altera Corporation EPC2 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Power and Operation
Page 11
Configuration Devices for SRAM-Based LUT Devices
January 2012
Altera Corporation
Table 3 lists the relationship between the VCC and VPP voltage levels and the required
logic level for VCCSEL and VPPSEL pins. A high logic level means the pin should be
connected to VCC, while a low logic level means the pin should be connected to GND.
At a 3.3-V operation, all EPC2 inputs are 5.0-V tolerant, except for DATA, DCLK, and
nCASC
pins. The DATA and DCLK pins are used only to interface between the EPC2
device and the FPGA it is configuring. Table 4 lists the voltage tolerences of all EPC2
device pins.
If one EPC1, EPC2, or EPC1441 configuration device is powered at 3.3 V, the nSTATUS
and CONF_DONE pull-up resistors must be connected to 3.3 V. If these configuration
devices are powered at 5.0 V, the nSTATUS and CONF_DONE pull-up resistors can be
connected to either 3.3 V or 5.0 V.
Table 3. VCCSEL and VPPSEL Pin Functions on the EPC2 Device
VCC Voltage Level
(V)
VPP Voltage Level
(V)
VCCSEL Pin Logic
Level
VPPSEL Pin Logic
Level
3.3
3.3
High
High
3.3
5.0
High
Low
5.0
5.0
Low
Low
Table 4. EPC2 Device Input and Bidirectional Pin Voltage Tolerance
Pin
5.0-V Operation
3.3-V Operation
5.0-V Tolerant
3.3-V Tolerant
5.0-V Tolerant
3.3-V Tolerant
DATA
vv
—
v
DCLK
vv
—
v
nCASC
vv
—
v
OE
vvvv
nCS
vvvv
VCCSEL
vvvv
VPPSEL
vvvv
nINIT_CONF
vvvv
TDI
vvvv
TMS
vvvv
TCK
vvvv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com