Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2 Datasheet(PDF) 4 Page - Altera Corporation

Part # EPC2
Description  Configuration Devices for SRAM-Based
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2 Datasheet(HTML) 4 Page - Altera Corporation

  EPC2 Datasheet HTML 1Page - Altera Corporation EPC2 Datasheet HTML 2Page - Altera Corporation EPC2 Datasheet HTML 3Page - Altera Corporation EPC2 Datasheet HTML 4Page - Altera Corporation EPC2 Datasheet HTML 5Page - Altera Corporation EPC2 Datasheet HTML 6Page - Altera Corporation EPC2 Datasheet HTML 7Page - Altera Corporation EPC2 Datasheet HTML 8Page - Altera Corporation EPC2 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Page 4
Functional Description
Configuration Devices for SRAM-Based LUT Devices
January 2012
Altera Corporation
FLEX 10KE
EPF10K30E
473,720
—
—
—
1
1
EPF10K50E
784,184
—
—
—
1
1
EPF10K50S
784,184
—
—
—
1
1
EPF10K100B
1,200,000
—
—
—
—
1
EPF10K100E
1,335,720
—
—
—
—
1
EPF10K130E
1,838,360
—
—
—
—
2
EPF10K200E
2,756,296
—
—
—
—
2
EPF10K200S
2,756,296
—
—
—
—
2
FLEX 6000/A
EPF6010A
260,000
—
—
1
1
—
EPF6016(5.0 V)/
EPF6016A
260,000
—
—
1
1
—
EPF6024A
398,000
—
—
1
1
—
FLEX 8000A
EPF8282A /
EPF8282AV(3.3 V)
40,000
1
1
1
1
—
EPF8452A
64,000
1
1
1
1
—
EPF8636A
96,000
—
1
1
1
—
EPF8820A
128,000
—
1
1
1
—
EPF81188A
192,000
—
1
1
1
—
EPF81500A
250,000
—
—
1
1
—
Mercury
EP1M120
1,303,120
—
—
—
—
1
EP1M350
4,394,032
—
—
—
—
3
Stratix
EP1S10
3,534,640
—
—
—
—
3 (3)
EP1S20
5,904,832
—
—
—
—
4
EP1S25
7,894,144
—
—
—
—
5
EP1S30
10,379,368
—
—
—
—
7
EP1S40
12,389,632
—
—
—
—
8
EP1S60
17,543,968
—
———11
EP1S80
23,834,032
—
———15
Stratix GX
EP1SGX10
3,534,640
—
—
—
—
3
EP1SGX25
7,894,144
—
—
—
—
5
EP1SGX40
12,389,632
—
—
—
—
8
Table 2. Supported Configuration Devices (Part 3 of 4)
Device Family
Device
Data Size (Bits)
(1)
EPC1064 or
EPC1064V
EPC1213
EPC1441
EPC1
EPC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com