Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC2 Datasheet(PDF) 16 Page - Altera Corporation

Part # EPC2
Description  Configuration Devices for SRAM-Based
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC2 Datasheet(HTML) 16 Page - Altera Corporation

Back Button EPC2 Datasheet HTML 12Page - Altera Corporation EPC2 Datasheet HTML 13Page - Altera Corporation EPC2 Datasheet HTML 14Page - Altera Corporation EPC2 Datasheet HTML 15Page - Altera Corporation EPC2 Datasheet HTML 16Page - Altera Corporation EPC2 Datasheet HTML 17Page - Altera Corporation EPC2 Datasheet HTML 18Page - Altera Corporation EPC2 Datasheet HTML 19Page - Altera Corporation EPC2 Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Page 16
Timing Information
Configuration Devices for SRAM-Based LUT Devices
January 2012
Altera Corporation
Timing Information
Figure 5 shows the timing waveform when using a configuration device.
Table 8 lists the timing parameters when using EPC2 devices at 3.3 V.
Figure 5. Timing Waveform Using a Configuration Device
Note to Figure 5:
(1) The EPC2 device drives DCLK low and DATA high after configuration. The EPC1 and EPC1441 devices drive DCLK low and tri-state DATA after
configuration.
DD
D
D
0
1
2
3
Dn
Tri-State
User Mode
(1)
tOEZX
tPOR
tCH
tCL
tDSU
tCO
tDH
Tri-State
OE/nSTATUS
nCS/CONF_DONE
DCLK
DATA
User I/O
INIT_DONE
nINIT_CONF or VCC/nCONFIG
Table 8. Timing Parameters when Using EPC2 devices at 3.3 V
Symbol
Parameter
Min
Typ
Max
Units
tPOR
POR delay (1)
——
200
ms
tOEZX
OE
high to DATA output enabled
—
—
80
ns
tCE
OE
high to first rising edge on DCLK
——
300
ns
tDSU
Data
setup time before rising edge on DCLK
30
—
—
ns
tDH
Data
hold time after rising edge on DCLK
0—
—
ns
tCO
DCLK
to DATA out
—
—
30
ns
tCDOE
DCLK
to DATA enable/disable
—
—
30
ns
fCLK
DCLK
frequency
5
7.7
12.5
MHz
tMCH
DCLK
high time for the first device in the configuration chain
40
65
100
ns
tMCL
DCLK
low time for the first device in the configuration chain
40
65
100
ns
tSCH
DCLK
high time for subsequent devices
40
—
—
ns
tSCL
DCLK
low time for subsequent devices
40
—
—
ns
tCASC
DCLK
rising edge to nCASC
—
—
25
ns
tCCA
nCS
to nCASC cascade delay
—
—
15
ns
tOEW
OE
low pulse width (reset) to guarantee counter reset
100
—
—
ns
tOEC
OE
low (reset) to DCLK disable delay
—
—
30
ns
tNRCAS
OE
low (reset) to nCASC delay
—
—
30
ns
Note to Table 8:
(1) During initial power-up, a POR delay occurs to permit voltage levels to stabilize. Subsequent reconfigurations do not incur this delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com