Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD534JD Datasheet(PDF) 5 Page - Analog Devices

Part # AD534JD
Description  Internally Trimmed Precision IC Multiplier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534JD Datasheet(HTML) 5 Page - Analog Devices

  AD534JD Datasheet HTML 1Page - Analog Devices AD534JD Datasheet HTML 2Page - Analog Devices AD534JD Datasheet HTML 3Page - Analog Devices AD534JD Datasheet HTML 4Page - Analog Devices AD534JD Datasheet HTML 5Page - Analog Devices AD534JD Datasheet HTML 6Page - Analog Devices AD534JD Datasheet HTML 7Page - Analog Devices AD534JD Datasheet HTML 8Page - Analog Devices AD534JD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AD534
Rev. C | Page 4 of 20
AD534J
AD534K
AD534L
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Bias Current
0.8
2.02
0.8
2.02
0.8
2.02
μA
Offset Current
0.1
0.1
0.05
0.22
μA
Differential Resistance
10
10
10
MΩ
DIVIDER PERFORMANCE
Transfer Function (X1 > X2)
1
2
1
1
2
Y
X
X
Z
Z
+
−
−
)
(
)
(
V
10
1
2
1
1
2
Y
X
X
Z
Z
+
−
−
)
(
)
(
V
10
1
2
1
1
2
Y
X
X
Z
Z
+
−
−
)
(
)
(
V
10
Total Error1
X = 10 V, −10 V ≤ Z ≤ +10 V
±0.75
±0.35
±0.2
%
X = 1 V, −1 V ≤ Z ≤ +1 V
±2.0
±1.0
±0.8
%
0.1 V ≤ X ≤ 10 V, −10 V ≤ Z ≤ +10 V
±2.5
±1.0
±0.8
%
SQUARER PERFORMANCE
Transfer Function
2
2
1
Z
X
X
+
−
V
10
)
(
2
2
2
1
Z
X
X
+
−
V
10
)
(
2
2
2
1
Z
X
X
+
−
V
10
)
(
2
Total Error (−10 V ≤ X ≤ +10 V)
±0.6
±0.3
±0.2
%
SQUARE-ROOTER PERFORMANCE
Transfer Function (Z1 ≤ Z2)
√(10 V(Z2 – Z1)) + X2
√(10 V(Z2 – Z1)) + X2
√(10 V(Z2 – Z1)) + X2
Total Error1 (1 V ≤ Z ≤ 10 V)
±1.0
±0.5
±0.25
%
POWER SUPPLY SPECIFICATIONS
Supply Voltage
Rated Performance
±15
±15
±15
V
Operating
±8
±182
±8
±182
±8
±182
V
Supply Current
Quiescent
4
62
4
62
4
62
mA
1 Specifications given are percent of full scale, ±10 V (that is, 0.01% = 1 mV).
2 Tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels.
3 Can be reduced down to 3 V using external resistor between –VS and SF.
4 Irreducible component due to nonlinearity; excludes effect of offsets.
5 Using external resistor adjusted to give SF = 3 V.
6 See
for definition of sections.
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com