Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD534JD Datasheet(PDF) 9 Page - Analog Devices

Part # AD534JD
Description  Internally Trimmed Precision IC Multiplier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534JD Datasheet(HTML) 9 Page - Analog Devices

Back Button AD534JD Datasheet HTML 5Page - Analog Devices AD534JD Datasheet HTML 6Page - Analog Devices AD534JD Datasheet HTML 7Page - Analog Devices AD534JD Datasheet HTML 8Page - Analog Devices AD534JD Datasheet HTML 9Page - Analog Devices AD534JD Datasheet HTML 10Page - Analog Devices AD534JD Datasheet HTML 11Page - Analog Devices AD534JD Datasheet HTML 12Page - Analog Devices AD534JD Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
AD534
Rev. C | Page 8 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
+VS
OUT
X1
–VS
Y1
Y2
SF
X2
Z1
Z2
6
7
8
9
10
3
4
2
1
5
AD534
TOP VIEW
(Not to
Scale)
Figure 4. TO-100 (H-10) Pin Configuration
Table 5. H-10 Package Pin Function Descriptions
Pin No.
Mnemonic
Description
1
X2
Inverting Differential Input of the X Multiplicand Input.
2
SF
Scale Factor Input.
3
Y1
Noninverting Differential Input of the Y Multiplicand Input.
4
Y2
Inverting Differential Input of the Y Multiplicand Input.
5
−VS
Negative Supply Rail.
6
Z2
Inverting Differential Input of the Z Reference Input.
7
Z1
Noninverting Differential Input of the Z Reference Input.
8
OUT
Product Output.
9
+VS
Positive Supply Rail.
10
X1
Noninverting Differential Input of the X Multiplicand Input.
X1 1
X2 2
NC 3
SF 4
+VS
14
NC
13
OUT
12
Z1
11
NC 5
Z2
10
Y1 6
NC
9
Y2 7
–VS
8
NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
AD534
TOP VIEW
(Not to Scale)
Figure 5. TO-100 (D-14) Pin Configuration
Table 6. D-14 Package Pin Function Descriptions
Pin No.
Mnemonic
Description
1
X1
Noninverting Differential Input of the X Multiplicand Input.
2
X2
Inverting Differential Input of the X Multiplicand Input.
3, 5, 9, 13
NC
No Connect. Do not connect to this pin.
4
SF
Scale Factor Input.
6
Y1
Noninverting Differential Input of the Y Multiplicand Input.
7
Y2
Inverting Differential Input of the Y Multiplicand Input.
8
−VS
Negative Supply Rail.
10
Z2
Inverting Differential Input of the Z Reference Input.
11
Z1
Noninverting Differential Input of the Z Reference Input.
12
OUT
Product Output.
14
+VS
Positive Supply rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com