Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD534JD Datasheet(PDF) 1 Page - Analog Devices

Part # AD534JD
Description  Internally Trimmed Precision IC Multiplier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD534JD Datasheet(HTML) 1 Page - Analog Devices

  AD534JD Datasheet HTML 1Page - Analog Devices AD534JD Datasheet HTML 2Page - Analog Devices AD534JD Datasheet HTML 3Page - Analog Devices AD534JD Datasheet HTML 4Page - Analog Devices AD534JD Datasheet HTML 5Page - Analog Devices AD534JD Datasheet HTML 6Page - Analog Devices AD534JD Datasheet HTML 7Page - Analog Devices AD534JD Datasheet HTML 8Page - Analog Devices AD534JD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Internally Trimmed
Precision IC Multiplier
AD534
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1977–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Pretrimmed to ±0.25% maximum 4-quadrant error (AD534L)
All inputs (X, Y, and Z) differential, high impedance for
[(X1 − X2)(Y1 − Y2)/10 V] + Z2 transfer function
Scale factor adjustable to provide up to ×100 gain
Low noise design: 90 μV rms, 10 Hz to10 kHz
Low cost, monolithic construction
Excellent long-term stability
APPLICATIONS
High quality analog signal processing
Differential ratio and percentage computations
Algebraic and trigonometric function synthesis
Wideband, high crest rms-to-dc conversion
Accurate voltage controlled oscillators and filters
Available in chip form
FUNCTIONAL BLOCK DIAGRAM
STABLE
REFERENCE
AND BIAS
0.75 ATTEN
TRANSLINEAR
MULTIPLIER
ELEMENT
SF
+VS
–VS
OUT
X1
X2
Y1
Y2
Z1
Z2
A
V-TO-1
V-TO-1
V-TO-1
HIGH GAIN
OUTPUT
AMPLIFIER
TRANSFER FUNCTION
VOUT = A
(X1 – X2) (Y1 – Y2)
SF
– (Z1 – Z2)
Figure 1.
GENERAL DESCRIPTION
The AD534 is a monolithic laser trimmed four-quadrant multi-
plier divider having accuracy specifications previously found
only in expensive hybrid or modular products. A maximum
multiplication error of ±0.25% is guaranteed for the AD534L
without any external trimming. Excellent supply rejection, low
temperature coefficients and long-term stability of the on-chip
thin film resistors and buried Zener reference preserve accuracy
even under adverse conditions of use. It is the first multiplier to
offer fully differential, high impedance operation on all inputs,
including the Z input, a feature that greatly increases its
flexibility and ease of use. The scale factor is pretrimmed to the
standard value of 10.00 V; by means of an external resistor, this
can be reduced to values as low as 3 V.
The wide spectrum of applications and the availability of several
grades commend this multiplier as the first choice for all new
designs. The AD534J (±1% maximum error), AD534K (±0.5%
maximum), and AD534L (±0.25% maximum) are specified for
operation over the 0°C to +70°C temperature range. The AD534S
(±1% maximum) and AD534T (±0.5% maximum) are specified
over the extended temperature range, −55°C to +125°C. All
grades are available in hermetically sealed TO-100 metal cans
and SBDIP packages. AD534K, AD534S, and AD534T chips are
also available.


Similar Part No. - AD534JD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534JD AD-AD534JD Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD534JD AD-AD534JD Datasheet
332Kb / 20P
Internally Trimmed Precision IC Multiplier
Rev. D
AD534JDZ AD-AD534JDZ Datasheet
332Kb / 20P
Internally Trimmed Precision IC Multiplier
Rev. D
More results

Similar Description - AD534JD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD532 AD-AD532 Datasheet
136Kb / 7P
Internally Trimmed Integrated Circuit Multiplier
AD534 AD-AD534 Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD632 AD-AD632 Datasheet
177Kb / 6P
Internally Trimmed Precision IC Multiplier
REV.A
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD532 AD-AD532_15 Datasheet
559Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
REV. D
AD534 AD-AD534_15 Datasheet
530Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
AD510 AD-AD510 Datasheet
378Kb / 4P
Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com