Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD536ASH/883B Datasheet(PDF) 5 Page - Analog Devices

Part # AD536ASH/883B
Description  Integrated Circuit True RMS-to-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD536ASH/883B Datasheet(HTML) 5 Page - Analog Devices

  AD536ASH/883B Datasheet HTML 1Page - Analog Devices AD536ASH/883B Datasheet HTML 2Page - Analog Devices AD536ASH/883B Datasheet HTML 3Page - Analog Devices AD536ASH/883B Datasheet HTML 4Page - Analog Devices AD536ASH/883B Datasheet HTML 5Page - Analog Devices AD536ASH/883B Datasheet HTML 6Page - Analog Devices AD536ASH/883B Datasheet HTML 7Page - Analog Devices AD536ASH/883B Datasheet HTML 8Page - Analog Devices AD536ASH/883B Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AD536A
Data Sheet
Rev. E | Page 4 of 16
AD536AJ
AD536AK
AD536AS
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IOUT TERMINAL
IOUT Scale Factor
40
40
40
µA/V rms
IOUT Scale Factor Tolerance
±10
±20
±10
±20
±10
±20
%
Output Resistance
20
25
30
20
25
30
20
25
30
kΩ
Voltage Compliance
−VS to
(+VS − 2.5 V)
−VS to
(+VS − 2.5 V)
−VS to
(+VS − 2.5 V)
V
BUFFER AMPLIFIER
Input and Output Voltage
Range
−VS to
(+VS − 2.5V)
−VS to
(+VS − 2.5V)
−VS to
(+VS − 2.5V)
V
Input Offset Voltage, RS = 25 kΩ
±0.5
±4
±0.5
±4
±0.5
±4
mV
Input Bias Current
20
60
20
60
20
60
nA
Input Resistance
108
108
108
Ω
Output Current
(+5 mA,
(+5 mA,
(+5 mA,
−130 µA)
−130 µA)
−130 µA)
Short-Circuit Current
20
20
20
mA
Output Resistance
0.5
0.5
0.5
Ω
Small-Signal Bandwidth
1
1
1
MHz
Slew Rate4
5
5
5
V/µs
POWER SUPPLY
Voltage Rated Performance
±15
±15
±15
V
Dual Supply
±3.0
±18
±3.0
±18
±3.0
±18
V
Single Supply
+5
+36
+5
+36
+5
+36
V
Quiescent Current
Total VS, 5 V to 36 V, TMIN to TMAX
1.2
2
1.2
2
1.2
2
mA
TEMPERATURE RANGE
Rated Performance
0
+70
0
+70
−55
+125
°C
Storage
−55
+150
−55
+150
−55
+150
°C
NUMBER OF TRANSISTORS
65
65
65
1 Accuracy is specified for 0 V to 7 V rms, dc or 1 kHz sine wave input with the AD536A connected as in the figure referenced.
2 Error vs. crest factor is specified as an additional error for 1 V rms rectangular pulse input, pulse width = 200 μs.
3 Input voltages are expressed in volts rms, and error is expressed as a percentage of the reading.
4 With 2kΩ external pull-down resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com