Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD536ASH/883B Datasheet(PDF) 6 Page - Analog Devices

Part # AD536ASH/883B
Description  Integrated Circuit True RMS-to-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD536ASH/883B Datasheet(HTML) 6 Page - Analog Devices

Back Button AD536ASH/883B Datasheet HTML 2Page - Analog Devices AD536ASH/883B Datasheet HTML 3Page - Analog Devices AD536ASH/883B Datasheet HTML 4Page - Analog Devices AD536ASH/883B Datasheet HTML 5Page - Analog Devices AD536ASH/883B Datasheet HTML 6Page - Analog Devices AD536ASH/883B Datasheet HTML 7Page - Analog Devices AD536ASH/883B Datasheet HTML 8Page - Analog Devices AD536ASH/883B Datasheet HTML 9Page - Analog Devices AD536ASH/883B Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
AD536A
Rev. E | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
Dual Supply
±18 V
Single Supply
+36 V
Internal Power Dissipation
500 mW
Maximum Input Voltage
±25 V peak
Buffer Maximum Input Voltage
±V
S
Maximum Input Voltage
±25 V peak
Storage Temperature Range
−55°C to +150°C
Operating Temperature Range
AD536AJ/AD536AK
0°C to +70°C
AD536AS
−55°C to +125°C
Lead Temperature (Soldering, 60 sec)
300°C
ESD Rating
1000 V
Thermal Resistance θ
JA
1
10-Pin Header (H-10 Package)
150°C/W
20-Terminal LCC (E-20 Package)
95°C/W
14-Lead SBDIP (D-14 Package)
95°C/W
14-Lead CERDIP (Q-14 Package)
95°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
1 θ
JA is specified for the worst-case conditions, that is, a device soldered in a
circuit board for surface-mount packages.
PAD NUMBERS CORRESPOND TO PIN NUMBERS FOR THE
TO-100 14-LEAD CERAMIC DIP PACKAGE.
1BOTH PADS SHOWN MUST BE CONNECTED TO VIN.
THE AD536A IS AVAILABLE IN LASER-TRIMMED CHIP FORM.
SUBSTRATE CONNECTED TO –VS.
+VS
14
VIN
1A1
VIN
1B1
COM
10
IOUT
8
BUF IN
7
BUF OUT
6
dB
5
CAV
4
–VS
3
RL
9
0.1315 (3.340)
0.0807
(2.050)
Figure 2. Die Dimensions and Pad Layout
Dimensions shown in inches and (millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com