Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD536ASH/883B Datasheet(PDF) 16 Page - Analog Devices

Part # AD536ASH/883B
Description  Integrated Circuit True RMS-to-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD536ASH/883B Datasheet(HTML) 16 Page - Analog Devices

Back Button AD536ASH/883B Datasheet HTML 9Page - Analog Devices AD536ASH/883B Datasheet HTML 10Page - Analog Devices AD536ASH/883B Datasheet HTML 11Page - Analog Devices AD536ASH/883B Datasheet HTML 12Page - Analog Devices AD536ASH/883B Datasheet HTML 13Page - Analog Devices AD536ASH/883B Datasheet HTML 14Page - Analog Devices AD536ASH/883B Datasheet HTML 15Page - Analog Devices AD536ASH/883B Datasheet HTML 16Page - Analog Devices AD536ASH/883B Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Data Sheet
AD536A
Rev. E | Page 15 of 16
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
DIMENSIONS PER JEDEC STANDARDS MO-006-AF
0.500 (12.70)
MIN
0.185 (4.70)
0.165 (4.19)
REFERENCE PLANE
0.050 (1.27) MAX
0.040 (1.02) MAX
0.021 (0.53)
0.016 (0.40)
1
0.034 (0.86)
0.025 (0.64)
0.045 (1.14)
0.025 (0.65)
0.160 (4.06)
0.110 (2.79)
6
2
8
7
5
4
3
0.115
(2.92)
BSC
9
10
0.230 (5.84)
BSC
BASE & SEATING PLANE
36° BSC
Figure 26. 10-Pin Metal Header Package [TO-100]
(H-10)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD536AJD
0°C to +70°C
14-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-14
AD536AJDZ
0°C to +70°C
14-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-14
AD536AKD
0°C to +70°C
14-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-14
AD536AKDZ
0°C to +70°C
14-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-14
AD536AJH
0°C to +70°C
10-Pin Metal Header Package [TO-100]
H-10
AD536AJHZ
0°C to +70°C
10-Pin Metal Header Package [TO-100]
H-10
AD536AKH
0°C to +70°C
10-Pin Metal Header Package [TO-100]
H-10
AD536AKHZ
0°C to +70°C
10-Pin Metal Header Package [TO-100]
H-10
AD536AJQ
0°C to +70°C
14-Lead Ceramic Dual In-Line Package [CERDIP]
Q-14
AD536AKQ
0°C to +70°C
14-Lead Ceramic Dual In-Line Package [CERDIP]
Q-14
AD536ASD
−55°C to +125°C
14-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-14
AD536ASD/883B
−55°C to +125°C
14-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-14
AD536ASE/883B
−55°C to +125°C
20-Terminal Ceramic Leadless Chip Carrier [LCC]
E-20-1
AD536ASH
−55°C to +125°C
10-Pin Metal Header Package [TO-100]
H-10
AD536ASH/883B
−55°C to +125°C
10-Pin Metal Header Package [TO-100]
H-10
AD536ASCHIPS
−55°C to +125°C
Die
5962-89805012A
−55°C to +125°C
20-Terminal Ceramic Leadless Chip Carrier [LCC]
E-20-1
5962-8980501CA
−55°C to +125°C
14-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-14
5962-8980501IA
−55°C to +125°C
10-Pin Metal Header Package [TO-100]
H-10
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com