Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5337ARM Datasheet(PDF) 6 Page - Analog Devices

Part # AD5337ARM
Description  2.5 V to 5.5 V, 250 muA, 2-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5337ARM Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5337ARM Datasheet HTML 2Page - Analog Devices AD5337ARM Datasheet HTML 3Page - Analog Devices AD5337ARM Datasheet HTML 4Page - Analog Devices AD5337ARM Datasheet HTML 5Page - Analog Devices AD5337ARM Datasheet HTML 6Page - Analog Devices AD5337ARM Datasheet HTML 7Page - Analog Devices AD5337ARM Datasheet HTML 8Page - Analog Devices AD5337ARM Datasheet HTML 9Page - Analog Devices AD5337ARM Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5337/AD5338/AD5339
Rev. C | Page 6 of 28
TIMING CHARACTERISTICS
VDD = 2.5 V to 5.5 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 3.
Limit at TMIN, TMAX
Parameter
A Version and B Version
Unit
Conditions/Comments
fSCL
400
kHz max
SCL clock frequency
t1
2.5
μs min
SCL cycle time
t2
0.6
μs min
tHIGH, SCL high time
t3
1.3
μs min
tLOW, SCL low time
t4
0.6
μs min
tHD, STA, start/repeated start condition hold time
t5
100
ns min
tSU, DAT, data setup time
t61
0.9
μs max
tHD, DAT, data hold time
0
μs min
tHD, DAT, data hold time
t7
0.6
μs min
tSU, STA, setup time for repeated start
t8
0.6
μs min
tSU, STO, stop condition setup time
t9
1.3
μs min
tBUF, bus free time between a stop and a start condition
t10
300
ns max
tR, rise time of SCL and SDA when receiving
0
ns min
tR, rise time of SCL and SDA when receiving (CMOS compatible)
t11
250
ns max
tF, fall time of SDA when transmitting
0
ns min
tF, fall time of SDA when receiving (CMOS compatible)
300
ns max
tF, fall time of SCL and SDA when receiving
20 + 0.1 CB2
ns min
tF, fall time of SCL and SDA when transmitting
CB
400
pF max
Capacitive load for each bus line
1 A master device must provide a hold time of at least 300 ns for the SDA signal (referred to VIH min of the SCL signal) to bridge the undefined region of SCL’s falling edge.
2 CB is the total capacitance of one bus line in pF; tR and tF measured between 0.3 VDD and 0.7 VDD.
t9
t3
t4
t6
t2
t5
t7
t8
t1
t4
t11
t10
SDA
SCL
START
CONDITION
STOP
CONDITION
REPEATED
START
CONDITION
Figure 2. 2-Wire Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com