Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5337ARM Datasheet(PDF) 23 Page - Analog Devices

Part # AD5337ARM
Description  2.5 V to 5.5 V, 250 muA, 2-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5337ARM Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5337ARM Datasheet HTML 19Page - Analog Devices AD5337ARM Datasheet HTML 20Page - Analog Devices AD5337ARM Datasheet HTML 21Page - Analog Devices AD5337ARM Datasheet HTML 22Page - Analog Devices AD5337ARM Datasheet HTML 23Page - Analog Devices AD5337ARM Datasheet HTML 24Page - Analog Devices AD5337ARM Datasheet HTML 25Page - Analog Devices AD5337ARM Datasheet HTML 26Page - Analog Devices AD5337ARM Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD5337/AD5338/AD5339
Rev. C | Page 23 of 28
Table 10. Overview of AD53xx Parallel Devices
Additional Pin Functions
Part No.
Resolution (Bits)
DNL (LSBs)
No. of
VREF Pins
Settling
Time (μs)
BUF
GAIN
HBEN
CLR
Package
No. of Pins
Single
AD5300
8
±0.25
1
6
*
*
*
TSSOP
20
AD5331
10
±0.50
1
7
*
*
TSSOP
20
AD5340
12
±1.00
1
8
*
*
*
TSSOP
24
AD5341
12
±1.00
1
8
*
*
*
*
TSSOP
20
Dual
AD5332
8
±0.25
2
6
*
TSSOP
20
AD5333
10
±0.50
2
7
*
*
*
TSSOP
24
AD5342
12
±1.00
2
8
*
*
*
TSSOP
28
AD5343
12
±1.00
1
8
*
*
TSSOP
20
Quad
AD5334
8
±0.25
2
6
*
*
TSSOP
24
AD5335
10
±0.50
2
7
*
*
TSSOP
24
AD5336
10
±0.50
4
7
*
*
TSSOP
28
AD5344
12
±1.00
4
8
TSSOP
28
Octal
AD5346
8
±0.25
4
6
*
*
*
TSSOP, LFCSP
38, 40
AD5347
10
±0.50
4
7
*
*
*
TSSOP, LFCSP
38, 40
AD5348
12
±1.00
4
8
*
*
*
TSSOP, LFCSP
38, 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com