Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5337ARM Datasheet(PDF) 15 Page - Analog Devices

Part # AD5337ARM
Description  2.5 V to 5.5 V, 250 muA, 2-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5337ARM Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5337ARM Datasheet HTML 11Page - Analog Devices AD5337ARM Datasheet HTML 12Page - Analog Devices AD5337ARM Datasheet HTML 13Page - Analog Devices AD5337ARM Datasheet HTML 14Page - Analog Devices AD5337ARM Datasheet HTML 15Page - Analog Devices AD5337ARM Datasheet HTML 16Page - Analog Devices AD5337ARM Datasheet HTML 17Page - Analog Devices AD5337ARM Datasheet HTML 18Page - Analog Devices AD5337ARM Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD5337/AD5338/AD5339
Rev. C | Page 15 of 28
THEORY OF OPERATION
The AD5337/AD5338/AD5339 are dual resistor string DACs
fabricated on a CMOS process with resolutions of 8, 10, and
12 bits, respectively. Each part contains two output buffer
amplifiers and is written to via a 2-wire serial interface. The
DACs operate from single supplies of 2.5 V to 5.5 V, and the
output buffer amplifiers provide rail-to-rail output swing with
a slew rate of 0.7 V/μs. The two DACs share a single reference
input pin. Each DAC has three programmable power-down
modes that allow the output amplifier to be configured with
either a 1 kΩ load to ground, a 100 kΩ load to ground, or as
a high impedance three-state output.
DIGITAL-TO-ANALOG CONVERTER SECTION
The architecture of one DAC channel consists of a resistor-
string DAC followed by an output buffer amplifier. The voltage
at the REFIN pin provides the reference voltage for the DAC.
Figure 29 shows a block diagram of the DAC architecture.
Because the input coding to the DAC is straight binary, the ideal
output voltage is given by
N
REF
OUT
D
V
V
2
×
=
where:
D is the decimal equivalent of the binary code, which is loaded
to the DAC register
0 to 255 for AD5337 (8 bits)
0 to 1023 for AD5338 and AD5338-1 (10 bits)
0 to 4095 for AD5339 (12 bits)
N is the DAC resolution.
INPUT
REGISTER
REFIN
OUTPUT BUFFER
AMPLIFIER
VOUTA
RESISTOR
STRING
DAC
REGISTER
Figure 29. DAC Channel Architecture
RESISTOR STRING
The resistor string portion is shown in Figure 30. It is simply a
string of resistors, each of value R. The digital code loaded to
the DAC register determines the node at which the voltage is
tapped off and fed into the output amplifier. The voltage is
tapped off by closing one of the switches that connects the
string to the amplifier. Because the DAC comprises a string
of resistors, it is guaranteed to be monotonic.
R
R
R
R
R
TO OUTPUT
AMPLIFIER
Figure 30. Resistor String
DAC REFERENCE INPUTS
There is a single reference input pin for the two DACs. The
reference input is unbuffered. The user can have a reference
voltage as low as 0.25 V and as high as VDD, because there is no
restriction due to headroom and foot room of any reference
amplifier.
It is recommended to use a buffered reference in the external
circuit, for example, REF192. The input impedance is typically
45 kΩ.
OUTPUT AMPLIFIER
The output buffer amplifier is capable of generating rail-to-rail
voltages on its output, which gives an output range of 0 V to
VDD when the reference is VDD. The amplifier is capable of driving
a load of 2 kΩ to GND or VDD in parallel with 500 pF to GND
or VDD. The source and sink capabilities of the output amplifier
can be seen in the plot in Figure 14.
The slew rate is 0.7 V/μs with a half-scale settling time to
±0.5 LSB (at 8 bits) of 6 μs.
POWER-ON RESET
The AD5337/AD5338/AD5339 power on in a defined state via a
power-on reset function. The power-on state is normal operation,
with output voltage set to 0 V.
Both input and DAC registers are filled with zeros until a valid
write sequence is made to the device. This is particularly useful
in applications where it is important to know the state of the
DAC outputs while the device is powering on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com