Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8033AKS-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8033AKS-R2
Description  Low Cost, 80 MHz FastFET Op Amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8033AKS-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8033AKS-R2 Datasheet HTML 11Page - Analog Devices AD8033AKS-R2 Datasheet HTML 12Page - Analog Devices AD8033AKS-R2 Datasheet HTML 13Page - Analog Devices AD8033AKS-R2 Datasheet HTML 14Page - Analog Devices AD8033AKS-R2 Datasheet HTML 15Page - Analog Devices AD8033AKS-R2 Datasheet HTML 16Page - Analog Devices AD8033AKS-R2 Datasheet HTML 17Page - Analog Devices AD8033AKS-R2 Datasheet HTML 18Page - Analog Devices AD8033AKS-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
AD8033/AD8034
Rev. D | Page 14 of 24
TEST CIRCUITS
VIN
49.9Ω
–VS
+VS
+
10nF
AD8033/AD8034
10nF
1µF
1µF
+
CLOAD
RSNUB
49.9Ω
976Ω
VOUT
Figure 44. G = +1
VIN
49.9Ω
–VS
+VS
1µF
1µF
+
10nF
AD8033/AD8034
10nF
+
CLOAD
RSNUB
49.9Ω
976Ω
VOUT
CF
1kΩ
RF
1kΩ
499Ω
Figure 45. G = +2
49.9Ω
1kΩ
1kΩ
1µF
1µF
976Ω
499Ω
+VS
–VS
VIN
+
10nF
AD8033/AD8034
10nF
+
VOUT
Figure 46. G = −1
1
µF
1µF
+VS
–VS
+
10nF
AD8033/AD8034
10nF
VSINE
0.2V p-p
+
+
–
Figure 47. Output Impedance, G = +1
1kΩ
1kΩ
1µF
1µF
+VS
–VS
+
10nF
AD8033/AD8034
10nF
+
VSINE
0.2V p-p
+
–
Figure 48. Output Impedance, G = +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com