Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8033AKS-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8033AKS-R2
Description  Low Cost, 80 MHz FastFET Op Amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8033AKS-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8033AKS-R2 Datasheet HTML 12Page - Analog Devices AD8033AKS-R2 Datasheet HTML 13Page - Analog Devices AD8033AKS-R2 Datasheet HTML 14Page - Analog Devices AD8033AKS-R2 Datasheet HTML 15Page - Analog Devices AD8033AKS-R2 Datasheet HTML 16Page - Analog Devices AD8033AKS-R2 Datasheet HTML 17Page - Analog Devices AD8033AKS-R2 Datasheet HTML 18Page - Analog Devices AD8033AKS-R2 Datasheet HTML 19Page - Analog Devices AD8033AKS-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AD8033/AD8034
Rev. D | Page 15 of 24
+VS
49.9Ω
1µF
+
10nF
AD8033/AD8034
VOUT
+
–
–VS
–VS AC
1V p-p
Figure 49. Negative PSRR
49.9
Ω
+VS
VIN
–VS
1µF
1µF
+
10nF
AD8033/AD8034
10nF
+
976Ω
VOUT
1kΩ
1kΩ
49.9Ω
1kΩ
1kΩ
Figure 50. CMRR
+VS
+
–
+VS AC
1V p-p
49.9Ω
VOUT
–VS
AD8033/AD8034
10nF
1µF
+
Figure 51. Positive PSRR
–VS
+VS
–VS
+VS
A
+
–
499Ω
1kΩ
1kΩ
1kΩ
TO PORT 2
B
+
–
1kΩ
1kΩ
1kΩ
499Ω
TO PORT 1
50Ω
+
–
VIN
Figure 52. Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com