Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8033AKS-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8033AKS-R2
Description  Low Cost, 80 MHz FastFET Op Amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8033AKS-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8033AKS-R2 Datasheet HTML 1Page - Analog Devices AD8033AKS-R2 Datasheet HTML 2Page - Analog Devices AD8033AKS-R2 Datasheet HTML 3Page - Analog Devices AD8033AKS-R2 Datasheet HTML 4Page - Analog Devices AD8033AKS-R2 Datasheet HTML 5Page - Analog Devices AD8033AKS-R2 Datasheet HTML 6Page - Analog Devices AD8033AKS-R2 Datasheet HTML 7Page - Analog Devices AD8033AKS-R2 Datasheet HTML 8Page - Analog Devices AD8033AKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Low Cost, 80 MHz
FastFET Op Amps
AD8033/AD8034
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2008 Analog Devices, Inc. All rights reserved.
FEATURES
FET input amplifier
1 pA typical input bias current
Very low cost
High speed
80 MHz, −3 dB bandwidth (G = +1)
80 V/μs slew rate (G = +2)
Low noise
11 nV/√Hz (f = 100 kHz)
0.7 fA/√Hz (f = 100 kHz)
Wide supply voltage range: 5 V to 24 V
Low offset voltage: 1 mV typical
Single-supply and rail-to-rail output
High common-mode rejection ratio: −100 dB
Low power: 3.3 mA/amplifier typical supply current
No phase reversal
Small packaging: 8-lead SOIC, 8-lead SOT-23, and 5-lead SC70
APPLICATIONS
Instrumentation
Filters
Level shifting
Buffering
GENERAL DESCRIPTION
The AD8033/AD8034 FastFET™ amplifiers are voltage feedback
amplifiers with FET inputs, offering ease of use and excellent
performance. The AD8033 is a single amplifier and the AD8034
is a dual amplifier. The AD8033/AD8034 FastFET op amps in
Analog Devices, Inc., proprietary XFCB process offer significant
performance improvements over other low cost FET amps, such
as low noise (11 nV/√Hz and 0.7 fA/√Hz) and high speed (80 MHz
bandwidth and 80 V/μs slew rate).
With a wide supply voltage range from 5 V to 24 V and fully
operational on a single supply, the AD8033/AD8034 amplifiers
work in more applications than similarly priced FET input
amplifiers. In addition, the AD8033/AD8034 have rail-to-rail
outputs for added versatility.
Despite their low cost, the amplifiers provide excellent overall
performance. They offer a high common-mode rejection of
−100 dB, low input offset voltage of 2 mV maximum, and low
noise of 11 nV/√Hz.
CONNECTION DIAGRAMS
NC 1
–IN 2
+IN 3
–VS 4
NC
8
+VS
7
VOUT
6
NC
5
NC = NO CONNECT
AD8033
VOUT 1
+IN 3
–VS 2
+VS
5
–IN
4
AD8033
Figure 1. 8-Lead SOIC (R)
Figure 2. 5-Lead SC70 (KS)
VOUT1 1
–IN1 2
+IN1 3
–VS 4
+VS
8
VOUT2
7
–IN2
6
+IN2
5
AD8034
Figure 3. 8-Lead SOIC (R) and 8-Lead SOT-23 (RJ)
100
0.1
1
FREQUENCY (MHz)
21
18
–9
15
12
9
6
3
0
–3
–6
24
G = +5
1000
G = +1
VOUT = 200mV p-p
G = +10
G = +2
G = –1
10
Figure 4. Small Signal Frequency Response
The AD8033/AD8034 amplifiers only draw 3.3 mA/amplifier of
quiescent current while having the capability of delivering up to
40 mA of load current.
The AD8033 is available in a small package 8-lead SOIC and a
small package 5-lead SC70. The AD8034 is also available in a
small package 8-lead SOIC and a small package 8-lead SOT-23.
They are rated to work over the industrial temperature range of
−40°C to +85°C without a premium over commercial grade
products.


Similar Part No. - AD8033AKS-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8033AKS-R2 AD-AD8033AKS-R2 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
More results

Similar Description - AD8033AKS-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8033 AD-AD8033 Datasheet
374Kb / 20P
Low Cost, 80 MHz FastFET ??Op Amps
9/08-Rev. C to Rev. D
AD8065 AD-AD8065 Datasheet
364Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
2/04-Data Sheet Changed from Rev. D to Rev. E.
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
High Performance, 145 MHz FastFET Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com