Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8055ART-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8055ART-R2
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8055ART-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8055ART-R2 Datasheet HTML 1Page - Analog Devices AD8055ART-R2 Datasheet HTML 2Page - Analog Devices AD8055ART-R2 Datasheet HTML 3Page - Analog Devices AD8055ART-R2 Datasheet HTML 4Page - Analog Devices AD8055ART-R2 Datasheet HTML 5Page - Analog Devices AD8055ART-R2 Datasheet HTML 6Page - Analog Devices AD8055ART-R2 Datasheet HTML 7Page - Analog Devices AD8055ART-R2 Datasheet HTML 8Page - Analog Devices AD8055ART-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AD8055/AD8056
Rev. J | Page 4 of 16
AD8055A/AD8056A
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
±4.0
±5.0
±6.0
V
Quiescent Current
AD8055
5.4
6.5
mA
TMIN to 125°C
7.6
mA
TMIN to 85°C
7.3
mA
AD8056
10
12
mA
TMIN to 125°C
13.9
mA
TMIN to 85°C
13.3
mA
Power Supply Rejection Ratio
+VS = +5 V to +6 V, −VS = −5 V
66
72
dB
−VS = –5 V to −6 V, +VS = +5 V
69
86
dB
OPERATING TEMPERATURE RANGE
AD8055ART
−40
+85
°C
AD8055AR, AD8055AN, AD8056AR, AD8056AN, AD8056ARM
−40
+125
°C
1 Output current is limited by the maximum power dissipation in the package. See Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com