Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8055ART-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8055ART-R2
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8055ART-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8055ART-R2 Datasheet HTML 8Page - Analog Devices AD8055ART-R2 Datasheet HTML 9Page - Analog Devices AD8055ART-R2 Datasheet HTML 10Page - Analog Devices AD8055ART-R2 Datasheet HTML 11Page - Analog Devices AD8055ART-R2 Datasheet HTML 12Page - Analog Devices AD8055ART-R2 Datasheet HTML 13Page - Analog Devices AD8055ART-R2 Datasheet HTML 14Page - Analog Devices AD8055ART-R2 Datasheet HTML 15Page - Analog Devices AD8055ART-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AD8055/AD8056
Rev. J | Page 11 of 16
TEST CIRCUITS
AD8055
VOUT
4.7µF
0.01µF
0.001µF
6
7
3
2
4
100Ω
HP8130A
PULSE
GENERATOR
TR/TF =0.67ns
4.7µF
0.01µF
0.001µF
+VS
VIN
57Ω
402Ω
402Ω
–VS
AD8055
VOUT
4.7µF
0.01µF
0.001µF
6
7
2
3
4
100Ω
HP8130A
PULSE
GENERATOR
TR/TF =1ns
4.7µF
0.01µF
0.001µF
+VS
VIN
50Ω
100Ω
–VS
Figure 35. G = −1, R = 100 Ω
Figure 34. G = +1, R = 100 Ω
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com