Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8055ART-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8055ART-R2
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8055ART-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8055ART-R2 Datasheet HTML 9Page - Analog Devices AD8055ART-R2 Datasheet HTML 10Page - Analog Devices AD8055ART-R2 Datasheet HTML 11Page - Analog Devices AD8055ART-R2 Datasheet HTML 12Page - Analog Devices AD8055ART-R2 Datasheet HTML 13Page - Analog Devices AD8055ART-R2 Datasheet HTML 14Page - Analog Devices AD8055ART-R2 Datasheet HTML 15Page - Analog Devices AD8055ART-R2 Datasheet HTML 16Page - Analog Devices AD8055ART-R2 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AD8055/AD8056
Rev. J | Page 13 of 16
FREQUENCY (MHz)
5
4
–5
1
–2
–3
–4
3
2
–1
0
0.3
1
10
100
500
CL
402Ω
100Ω
402Ω
50Ω
VIN =0dBm
CL =0pF
CL = 10pF
CL = 20pF
CL =30pF
POWER DISSIPATION LIMITS
With a 10 V supply (total VCC − VEE), the quiescent power
dissipation of the AD8055 in the SOT-23-5 package is 65 mW,
while the quiescent power dissipation of the AD8056 in the
MSOP-8 is 120 mW. This translates into a 15.6°C rise above the
ambient for the SOT-23-5 package and a 24°C rise for the
MSOP-8 package.
The power dissipated under heavy load conditions is
approximately equal to the supply voltage minus the output
voltage, times the load current, plus the quiescent power
previously computed. The total power dissipation is then
multiplied by the thermal resistance of the package to find the
temperature rise, above ambient, of the part. The junction
temperature should be kept below 150°C.
Figure 39. Capacitive Load Drive
In general, to minimize peaking or to ensure the stability for
larger values of capacitive loads, a small series resistor, R
The AD8055 in the SOT-23-5 package can dissipate 270 mW,
while the AD8056 in the MSOP-8 package can dissipate
325 mW (at 85°C ambient) without exceeding the maximum
die temperature. In the case of the AD8056, this is greater than
1.5 V rms into 50 Ω, enough to accommodate a 4 V p-p sine
wave signal on both outputs simultaneously. However, because
each output of the AD8055 or AD8056 is capable of supplying
as much as 110 mA into a short circuit, a continuous short-
circuit condition will exceed the maximum safe junction
temperature.
S
, can
be added between the op amp output and the capacitor, CL. For
the setup depicted in Figure 40, the relationship between RS and
C
RESISTOR SELECTION
Table 3 is a guide for resistor selection for maintaining gain
flatness vs. frequency for various values of gain.
Table 3.
Gain
RF (Ω)
RG (Ω)
−3 dB Bandwidth (MHz)
+1
0
300
+2
402
402
160
+5
1 k
249
45
+10
909
100
20
DRIVING CAPACITIVE LOADS
When driving a capacitive load, most op amps exhibit peaking
in the frequency response just before the frequency rolls off.
Figure 39 shows the responses for an AD8056 running at a gain
of +2, with an 100 Ω load that is shunted by various values of
capacitance. It can be seen that under these conditions the part
is still stable with capacitive loads of up to 30 pF.
L
was empirically derived and is shown in Figure 41. RS was
chosen to produce less than 1 dB of peaking in the frequency
response. Note also that after a sharp rise, RS quickly settles to
approximately 25 Ω.
50Ω
AD8055
+5V
–5V
402Ω
402Ω
6
7
2
3
4
FET PROBE
VIN =0dBm
VOUT
RS
CL
0.1µF
10µF
0.1µF
10µF
Figure 40. Setup for R vs. C
S
L
40
0
35
20
15
10
5
30
25
CL (pF)
0
1020
3040
5060
270
Figure 41. R vs. C
S
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com