Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8065ARTZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8065ARTZ-R2
Description  High Performance, 145 MHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065ARTZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8065ARTZ-R2 Datasheet HTML 2Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 3Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AD8065/AD8066
Rev. J | Page 5 of 28
Parameter
Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 kΩ
−4.88 to +4.90
−4.94 to +4.95
V
AD8065WARTZ only: TMIN − TMAX
−4.88 to +4.90
V
RL = 150 Ω
−4.8 to +4.7
V
Output Current
VO = 9 V p-p, SFDR ≥ −60 dBc, f = 500 kHz
35
mA
Short-Circuit Current
90
mA
Capacitive Load Drive
30% overshoot G = +1
20
pF
POWER SUPPLY
Operating Range
5
24
V
AD8065WARTZ only: TMIN − TMAX
5
10
V
Quiescent Current per Amplifier
6.4
7.2
mA
AD8065WARTZ only: TMIN − TMAX
7.2
mA
Power Supply Rejection Ratio
±PSRR
−85
−100
dB
AD8065WARTZ only: TMIN − TMAX
−85
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com