Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8065ARTZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8065ARTZ-R2
Description  High Performance, 145 MHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065ARTZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8065ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 12Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 13Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 14Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 15Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 16Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 17Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 18Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
AD8065/AD8066
Rev. J | Page 14 of 28
t = 0
64
μs/DIV
2mV/DIV
+0.1%
–0.1%
VIN = 140mV/DIV
VOUT – 2VIN
Figure 28. Long-Term Settling Time (See Figure 49)
–30
–25
–20
–15
–10
–5
0
45
55
25
35
65
75
85
TEMPERATURE (°C)
–Ib
+Ib
Figure 29. Input Bias Current vs. Temperature
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
–14
–10
–12
–8–6–4
0
8
–2
2
4
6
10
12
14
COMMON-MODE VOLTAGE (V)
VS = ±12V
VS = ±5V
VS = +5V
Figure 30. Input Offset Voltage vs. Common-Mode Voltage
+0.1%
2mV/DIV
10ns/DIV
–0.1%
t = 0
VOUT – 2VIN
VIN = 500mV/DIV
Figure 31. 0.1% Short-Term Settling Time (See Figure 49)
0
36
30
24
18
12
6
–5
–15
–25
–30
0
–12
8
–2
–10
0
–8
2
–6
4
–4
6
COMMON-MODE VOLTAGE (V)
10
12
42
–Ib
+Ib
–Ib
+Ib
–20
–10
5
10
Figure 32. Input Bias Current vs. Common-Mode Voltage Range
(See the Input and Output Overload Behavior Section)
INPUT OFFSET VOLTAGE (mV)
35
15
0
–2.0
2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
30
20
10
5
40
25
N = 299
SD = 0.388
MEAN = –0.069
Figure 33. Input Offset Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com