Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8065ARTZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8065ARTZ-R2
Description  High Performance, 145 MHz FastFET Op Amps
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065ARTZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8065ARTZ-R2 Datasheet HTML 4Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 5Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 6Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 7Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 8Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 9Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 10Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 11Page - Analog Devices AD8065ARTZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
AD8065/AD8066
Rev. J | Page 7 of 28
SPECIFICATIONS +5 V
@ TA = 25°C, VS = 5 V, RL = 1 kΩ, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VO = 0.2 V p-p (AD8065)
125
155
MHz
AD8065WARTZ only: TMIN − TMAX
90
MHz
G = +1, VO = 0.2 V p-p (AD8066)
110
130
MHz
G = +2, VO = 0.2 V p-p
50
MHz
G = +2, VO = 2 V p-p
43
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.2 V p-p
6
MHz
Input Overdrive Recovery Time
G = +1, −0.5 V to +5.5 V
175
ns
Output Recovery Time
G = −1, −0.5 V to +5.5 V
170
ns
Slew Rate
G = +2, VO = 2 V step
105
160
V/μs
AD8065WARTZ only: TMIN − TMAX
123
V/μs
Settling Time to 0.1%
G = +2, VO = 2 V step
60
ns
NOISE/HARMONIC PERFORMANCE
SFDR
fC = 1 MHz, G = +2, VO = 2 V p-p
−65
dBc
fC = 5 MHz, G = +2, VO = 2 V p-p
−50
dBc
Third-Order Intercept
fC = 10 MHz, RL = 100 Ω
22
dBm
Input Voltage Noise
f = 10 kHz
7
nV/√Hz
Input Current Noise
f = 10 kHz
0.6
fA/√Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.13
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.16
Degrees
DC PERFORMANCE
Input Offset Voltage
VCM = 1.0 V, SOIC package
0.4
1.5
mV
AD8065WARTZ only: TMIN − TMAX
2.6
mV
Input Offset Voltage Drift
1
17
μV/ºC
AD8065WARTZ only: TMIN − TMAX
17
μV/ºC
Input Bias Current
SOIC package
1
5
pA
TMIN to TMAX
25
125
pA
Input Offset Current
1
5
pA
TMIN to TMAX
1
125
pA
Open-Loop Gain
VO = 1 V to 4 V (AD8065)
100
113
dB
AD8065WARTZ only: TMIN − TMAX
100
dB
VO = 1 V to 4 V (AD8066)
90
103
dB
INPUT CHARACTERISTICS
Common-Mode Input Impedance
1000 || 2.1
GΩ || pF
Differential Input Impedance
1000 || 4.5
GΩ || pF
Input Common-Mode Voltage Range
FET Input Range
0 to 1.7
0 to 2.4
V
AD8065WARTZ only: TMIN − TMAX
0 to 1.7
V
Common-Mode Rejection Ratio
VCM = 0.5 V to 1.5 V
−74
−100
dB
VCM = 1 V to 2 V (SOT-23)
−78
−91
dB
AD8065WARTZ only: TMIN-TMAX
−76
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 kΩ
0.1 to 4.85
0.03 to 4.95
V
AD8065WARTZ only: TMIN − TMAX
0.1 to 4.85
V
RL = 150 Ω
0.07 to 4.83
V
Output Current
VO = 4 V p-p, SFDR ≥ −60 dBc, f = 500 kHz
35
mA
Short-Circuit Current
75
mA
Capacitive Load Drive
30% overshoot G = +1
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com